Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN4242 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4242
Description  New generation of 650 V SiC diodes
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4242 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4242 Datasheet HTML 5Page - STMicroelectronics AN4242 Datasheet HTML 6Page - STMicroelectronics AN4242 Datasheet HTML 7Page - STMicroelectronics AN4242 Datasheet HTML 8Page - STMicroelectronics AN4242 Datasheet HTML 9Page - STMicroelectronics AN4242 Datasheet HTML 10Page - STMicroelectronics AN4242 Datasheet HTML 11Page - STMicroelectronics AN4242 Datasheet HTML 12Page - STMicroelectronics AN4242 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
DocID024196 Rev 1
9/26
AN4242
Forward thermal runaway
Tj. Vt0 and Rd are thermal coefficients. They represent the junction temperature impact
on Vt0 and Rd.
Using the electrical model previously defined, the conduction power losses P(Tj) can be
estimated. Using the analogy between thermal and electrical units, a simple electro-thermal
model is described in Figure 6. The thermal model is defined by the thermal resistance
Rth(j-a) and the thermal capacitance Cth(j-a) junction to ambient.
Figure 6. Simple electro-thermal model
The resolution of the above electro-thermal system gives the Tj(t) expression used to find
the thermal runaway limit and to highlight the stability condition of the diode. The equation
giving the conduction power losses versus Tj is the following:
Equation 13
with
Equation 14
and
Equation 15
A simplified version is:
Equation 16
The global system equation is defined by:
Equation 17
Or again
Equation 18
Solving the differential equation gives the stability condition on the junction temperature:
Tamb
Cth(j-a)
Tj
Rth(j-a)
P(Tj)=I0·VF(Tj,I0)
P(T ) = [V
+
(T - 150)] · I + [R
+
· (T - 150)] · I
j
t0
V
j0
d
R
j0
2
150°
t0
150°
d
aa
A = I · (V
- 150 ·
) + I
· (R
- 150 ·
)
0t0
V
0
2
dR
150°
t0
150°
d
a
a
I ·
· T + I
·
· T
(I ·
+ I
·
) · T
B T
0V
j
0
2
Rj =
0V
0
2
Rj =·
j
aa
a
a
t0
d
t0
d
P(T ) = A + B · T
jj
æ
ç
è
ö
÷
ø
T= T
+ R
·
j
amb
th
P(T ) - C
·
jth
dTj
dt
T · (1 - B · R ) + R
· C
·
jth
th
th
dTj
dt
= T
+A· R
amb
th



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com