Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0670 Datasheet(PDF) 4 Page - STMicroelectronics

Part # UM0670
Description  80 W offline LED driver with PFC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0670 Datasheet(HTML) 4 Page - STMicroelectronics

  UM0670 Datasheet HTML 1Page - STMicroelectronics UM0670 Datasheet HTML 2Page - STMicroelectronics UM0670 Datasheet HTML 3Page - STMicroelectronics UM0670 Datasheet HTML 4Page - STMicroelectronics UM0670 Datasheet HTML 5Page - STMicroelectronics UM0670 Datasheet HTML 6Page - STMicroelectronics UM0670 Datasheet HTML 7Page - STMicroelectronics UM0670 Datasheet HTML 8Page - STMicroelectronics UM0670 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
UM0670
List of figures
Doc ID 15327 Rev 2
4/43
List of figures
Figure 1.
STEVAL-ILL013V1 demonstration board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
STEVAL-ILL013V1 block schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
High PF boost converter design concept . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
Modified buck converter with dimming design concept. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
STEVAL-ILL013V1 with PWM module . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
High PFC boost converter with the L6562A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 7.
Modified buck converter with the L6562A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 8.
Efficiency over the whole input voltage range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 9.
Power factor for wide input voltage range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 10.
Detailed power factor for wide input voltage range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 11.
Total harmonic distortion for wide input voltage range . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 12.
Output LED current dimming capability . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 13.
Output LED current waveform (ILED = 350 mA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 14.
Output LED current for different LED voltages (ILED = 350 mA). . . . . . . . . . . . . . . . . . . . . 20
Figure 15.
Output LED current waveforms (ILED = 700 mA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 16.
Output LED current for different LED voltage (ILED = 700 mA). . . . . . . . . . . . . . . . . . . . . . 21
Figure 17.
Output LED current waveform (ILED = 1000 mA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 18.
Output LED current for different LED voltage (ILED = 1000 mA). . . . . . . . . . . . . . . . . . . . . 22
Figure 19.
Power MOSFET turn ON and OFF measurement . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 20.
LED current ripple for the 100 nF output capacitor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 21.
EN61000-3-2 analysis for LED current of 350 mA and VIN from 85 V to 160 VAC . . . . . . 23
Figure 22.
EN61000-3-2 analysis for LED current of 350 mA and VIN from 180 V to 265 VAC . . . . . 24
Figure 23.
EN61000-3-2 analysis for LED current of 700 mA and VIN from 85 V to 160 VAC . . . . . . 24
Figure 24.
EN61000-3-2 analysis for LED current of 700 mA and VIN from 180 V to 265 VAC . . . . . 24
Figure 25.
EN61000-3-2 analysis for LED current of 1000 mA and VIN from 85 V to 160 VAC . . . . . 25
Figure 26.
EN61000-3-2 analysis for LED current of 1000 mA and VIN from 180 V to 265 VAC . . . . 25
Figure 27.
Average limit measurement from 150 kHz to 30 MHz (ILED = 350 mA) . . . . . . . . . . . . . . . 26
Figure 28.
Quasi-peak limit measurement from 9 kHz to 150 kHz (ILED = 350 mA) . . . . . . . . . . . . . . 26
Figure 29.
Quasi-peak limit measurement from 150 kHz to 30 MHz (ILED = 350 mA). . . . . . . . . . . . . 27
Figure 30.
Average limit measurement from 150 kHz to 30 MHz (ILED = 700 mA) . . . . . . . . . . . . . . . 27
Figure 31.
Quasi-peak limit measurement from 9 kHz to 150 kHz (ILED = 700 mA) . . . . . . . . . . . . . . 28
Figure 32.
Quasi-peak limit measurement from 150 kHz to 30 MHz (ILED = 700 mA). . . . . . . . . . . . . 28
Figure 33.
Average limit measurement from 150 kHz to 30 MHz (ILED = 1000 mA) . . . . . . . . . . . . . . 29
Figure 34.
Quasi-peak limit measurement from 9 kHz to 150 kHz (ILED = 1000 mA) . . . . . . . . . . . . . 29
Figure 35.
Quasi-peak limit measurement from 150 kHz to 30 MHz (ILED = 1000 mA). . . . . . . . . . . . 30
Figure 36.
Average limit measurement from 150 kHz to 30 MHz (ILED = 0 mA) . . . . . . . . . . . . . . . . . 30
Figure 37.
Quasi-peak limit measurement from 9 kHz to 150 kHz (ILED = 0 mA) . . . . . . . . . . . . . . . . 31
Figure 38.
Quasi-peak limit measurement from 150 kHz to 30 MHz (ILED = 0 mA). . . . . . . . . . . . . . . 31
Figure 39.
Proper startup circuit design . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 40.
Proper startup using diode D104 and capacitor C110 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 41.
Improper startup without using diode D104 and capacitor C110 . . . . . . . . . . . . . . . . . . . . 33
Figure 42.
Design improvement allowing zero dimming . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 43.
Voltage on capacitor C110 and output bus voltage of 400 V . . . . . . . . . . . . . . . . . . . . . . . 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com