| Electronic Components Datasheet Search |
|
UM1833 Datasheet(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1833 Datasheet(HTML) 5 Page - STMicroelectronics |
|
5 / 8 page ![]() DocID027061 Rev 1 5/8 UM1833 Power line communication protocol libraries 8 Power line communication protocol libraries With its multi core fully programmable architecture, the STCOMET can support a range of PLC standard protocols. For the complete FW/SW library are available: PRIME protocol library The PRIME protocol library implements the 1.3.6 version of the PRIME protocol including the PHY, MAC, IEC61334-4-32 convergence layer and data link layer, remote management interface (with remote firmware upgrade implementation) and test/certification facilities (e.g.: serial communication interface protocol). The PRIME protocol library can be used as a stand-alone, to implement a PRIME service node (energy smart meter), or in conjunction with the PRIME Base Node library, that can be running on different CPU platforms (x86 running Linux or Windows®, ARM9® running Linux), to implement a PRIME Base Node (data concentrator). G3-PLC® protocol library The G3-PLC protocol library implements the G3-PLC CENELEC A-Band protocol, including PHY, MAC, 6LoWPAN and LOADng routing protocol. The G3-PLC protocol library can be used to implement the G3-PLC device (electricity meter) or G3-PLC PAN coordinator (data concentrator or gateway) thanks to its embedded bootstrap application. IPv6 and UDP are provided as source code examples. IEC61334-5-1 protocol library The IEC61334-5-1 protocol library implements the IEC61334-5-1 (also known as G1 LINKY®) PHY layer and MAC layer. The STCOMET protocol libraries include: An integration example, in the form of a complete, ready to use IDE project, including: – The pre-compiled protocol library – The FreeRTOS source code – All the STCOMET peripheral drivers source code – An application example showing how to integrate the communication protocol into customer application – The FW upgrade protocol using the local serial port (UART to USB bridge). A user manual(c) describing: – Protocol library APIs – Basic protocol procedures – Protocol functionalities - integration into customer application An application note(c), with electrical and communication performance test data (e.g.: EMC/EMI analysis, power consumption, BER, etc.) for the selected combination of the protocol library and the STCOMET dedicated HW. c. For more information, please contact an ST sales representative. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |