| Electronic Components Datasheet Search |
|
PD78F9232CS Datasheet(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PD78F9232CS Datasheet(HTML) 9 Page - Renesas Technology Corp |
|
9 / 30 page ![]() Preliminary Product Information U18550EJ2V0PM 7 µ PD78F9232CS, 78F9234CS 1. PIN FUNCTIONS 1.1 Port Functions Pin Name I/O Function After Reset Alternate- Function Pin P00 to P03 I/O Port 0. 4-bit I/O port. Can be set to input or output mode in 1-bit units. An on-chip pull-up resistor can be connected by setting software. Input − P20 to P23 I/O Port 2. 4-bit I/O port. Can be set to input or output mode in 1-bit units. An on-chip pull-up resistor can be connected by setting software. Input ANI0 to ANI3 P30 TI000/INTP0 P31 TI010/TO00/ INTP2 P32 − P33 I/O Can be set to input or output mode in 1- bit units. An on-chip pull-up resistor can be connected by setting software. Input − P34 Input Port 3 Input only Input RESET P40 − P41 INTP3 P42 TOH1 P43 TxD6/INTP1 P44 RxD6 P45 − P46 − P47 I/O Port 4. 8-bit I/O port. Can be set to input or output mode in 1-bit units. An on-chip pull-up resistor can be connected by setting software. Input − P120 − P121 X1 P122 X2 P123 I/O Port 12. 4-bit I/O port. Can be set to input or output mode in 1-bit units. An on-chip pull-up resistor can be connected only to P120 and P123 by setting software. Input − P130 Output Port 13. 1-bit output-only port Output − Caution The P121/X1 and P122/X2 pins are pulled down during reset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |