Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FYLS-5050RGBC Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-5050RGBC
Description  SMD led lamp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-5050RGBC Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-5050RGBC Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-5050RGBC Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-5050RGBC Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-5050RGBC Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-5050RGBC Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-5050RGBC Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-5050RGBC Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-5050RGBC Datasheet HTML 8Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Model. No.
Rev.
G
B
30
30
100
100
100
100
Color
Min
R
2.00
G
3.20
B
3.20
R
630
G
525
B
468
R
625
G
520
B
470
R
500
G
1300
B
250
---
120
---
R
G
B
Page: 3/8
Http://www.foryard.com
Storage Temperature
■
■
■
■
Typical Electrical &Optical Charcteristics(Ta=25ºC)
Tstg
Model No.
:
:
:
:
FYLS-5050RGBC
Forward Current(DC)
PD
mA
mA
Mw
A
FYLS-5050RGBC
■
■
■
■
Absolute Maximun Ratings(Ta=25
º
º
º
º
C)
*Pulse width
≦
≦
≦
≦
1msec duty
≦
≦
≦
≦
1/10
IFP
Peak Forward Current*
Unit
Peak Emission Wavelength
Power Dissipation
Operation Temperature
Topr
Items
Absolute maximum Rating
Symbol
Reverse Voltage
V
3.60
Condition
℃
IF
-40
º
C
~
+85
º
C
-40ºC
~
+100ºC
Soldering Temperature
VR
Dominant Wavelength
IF = 20mA
nm
Reverse Current
Symbol
IR
λp
λD
Items
Max
Reflector
Wire
Encapsulate
Chip
VR = 5V
2.Pay attention about static for InGaN
Forward Voltage
IF = 20mA
℃
Unit
uA
3.60
VF
2.60
Reflow Soldering:250
℃
/5sec
Tsol
nm
5
IF = 20mA
R
50
100
100
10
PPA
V
Silicone
AlGaInP
Luminous Intensity
IV
IF = 20mA
mcd
PPA
Item
Silicone
InGaN
50% Power Angle
2θ½
IF = 20mA
Deg
■
■
■
■
Material
Material
Gold
Gold
Note:
1.Luminous Intensity is based on the Foryard standards.
Material
PPA
Gold
Silicone
InGaN
Material



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com