Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD153R Datasheet(PDF) 7 Page - International Rectifier

Part # SD153R
Description  FAST RECOVERY DIODES Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD153R Datasheet(HTML) 7 Page - International Rectifier

  SD153R Datasheet HTML 1Page - International Rectifier SD153R Datasheet HTML 2Page - International Rectifier SD153R Datasheet HTML 3Page - International Rectifier SD153R Datasheet HTML 4Page - International Rectifier SD153R Datasheet HTML 5Page - International Rectifier SD153R Datasheet HTML 6Page - International Rectifier SD153R Datasheet HTML 7Page - International Rectifier SD153R Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SD153N/R Series
23
T
J
Max. operating temperature range
-40 to 125
T
stg
Max. storage temperature range
-40 to 150
R
thJC
Max. thermal resistance, junction to case
0.16
DC operation
R
thCS
Max. thermal resistance, case to heatsink
0.10
Mounting surface, smooth, flat and greased
T
Mounting torque ± 10%
15.5
Not lubricated threads
13.5
Lubricated threads
wt
Approximate weight
120
g
Case style
DO-205AC (DO-30)
See Outline Table
Parameter
SD153N/R
Units
Conditions
°C
Thermal and Mechanical Specification
K/W
Nm
∆R
thJC Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
1
-
Diode
2
-
Essential part number
3
-
3 = Fast recovery
4
-
N = Stud Normal Polarity (Cathode to Stud)
R = Stud Reverse Polarity (Anode to Stud)
5
-
Voltage code: Code x 100 = V
RRM
(see Voltage Ratings table)
6
-
t
rr
code (see Recovery Characteristics table)
7
-
P = Stud base DO-205AC (DO-30) 1/2" 20UNF-2A
M = Stud base DO-205AC (DO-30) M12 X 1.75
8
-7 B = Flag top terminals (for Cathode/ Anode Leads)
S = Isolated lead with silicone sleeve
(Red = Reverse Polarity; Blue = Normal Polarity)
None = Not isolated lead
9
-
V = Glass-metal seal
5
1
2
3
4
SD
15
3
R
16
S15
P
B
V
7
6
8
9
Device Code
Ordering Information Table
180°
0.011
0.012
T
J
= T
J
max.
120°
0.016
0.019
90°
0.021
0.023
K/W
60°
0.029
0.030
30°
0.041
0.041
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com