Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TGF2018 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGF2018
Description  180 um Discrete GaAs pHEMT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2018 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGF2018_15 Datasheet HTML 1Page - TriQuint Semiconductor TGF2018_15 Datasheet HTML 2Page - TriQuint Semiconductor TGF2018_15 Datasheet HTML 3Page - TriQuint Semiconductor TGF2018_15 Datasheet HTML 4Page - TriQuint Semiconductor TGF2018_15 Datasheet HTML 5Page - TriQuint Semiconductor TGF2018_15 Datasheet HTML 6Page - TriQuint Semiconductor TGF2018_15 Datasheet HTML 7Page - TriQuint Semiconductor TGF2018_15 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TGF2018
180 um Discrete GaAs pHEMT
Datasheet: Rev. D 11-04-13
-
2 of 8 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Absolute Maximum Ratings
Symbol
Parameter
Absolute
Continuous
Units
VDS
Drain-Source Voltage
(2)
12
8
V
VGS
Gate- Source Voltage
-7
-3
V
IDS
Drain Current
(2)
IDSS
IDSS
mA
IG,F
Forward Gate Current
9
1.5
mA
TCH
Channel Temperature
(3)
175
(4)
150
(5)
°C
TSTG
Storage Temperature
-65 to 150
-65 to 150
°C
PIN
Input Continuous Wave Power
(2)
16
at 3 dB Compression
dBm
PTOT
Total Power Dissipation
0.96
0.64
W
Notes:
1. These ratings represent the maximum operable values for this device. Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent damage to the device and/or affect device lifetime. These are stress ratings only,
and functional operation of the device at these conditions is not implied.
2. Combinations of supply voltage, supply current, input power, and output power shall not exceed the maximum total power
dissipation listed in the table.
3. Junction operating temperature will directly affect the device median time to failure. For maximum life, it is recommended that
junction temperatures be maintained at the lowest possible levels.
4. When operated at this channel temperature, the median life is 1.0E+5 hours.
5. When operated at this channel temperature, the median life is 1.0E+6 hours.
Electrical Characteristics
Test conditions unless otherwise noted: Temperature = 25°C.
Symbol Parameter
Conditions
Min
Typ Max Units
P1dB
Output Power at 1dB Compression Freq = 12 GHz
VDS = 8 V
IDS = 50% IDSS
22
dBm
G1dB
Gain at P1dB
14
dB
PAE
PAE at P1dB
55
%
NF
50 ohm Noise Figure
VDS = 2 V, IDS = 19 mA
1
dB
IDSS
Saturated Drain Current
VDS = 2 V, VGS = 0 V
36
58
(1)
80
mA
Gm
Transconductance
VDS = 2 V, IDS = 50% IDSS
70
mS
VP
Pinch-Off Voltage
VDS = 2 V, IDS = 0.18 mA
-1.5
-1.0
-0.5
V
BVGD
Gate-Drain Breakdown Voltage
IG = 0.18 mA, source open
-15
-12
V
BVGS
Gate-Source Breakdown Voltage
IG = 0.18 mA, drain open
-15
V
RTH
Thermal Resistance
(2)
AuSn eutectic attach
88
°C/W
Notes:
1. Typical Standard Deviation of 2 mA (1 σ).
2. Based on IR Scan



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com