Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST180C Datasheet(PDF) 1 Page - International Rectifier

Part # ST180C
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST180C Datasheet(HTML) 1 Page - International Rectifier

  ST180C Datasheet HTML 1Page - International Rectifier ST180C Datasheet HTML 2Page - International Rectifier ST180C Datasheet HTML 3Page - International Rectifier ST180C Datasheet HTML 4Page - International Rectifier ST180C Datasheet HTML 5Page - International Rectifier ST180C Datasheet HTML 6Page - International Rectifier ST180C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
350A
PHASE CONTROL THYRISTORS
Hockey Puk Version
ST180C..C SERIES
Bulletin I25164/B
Features
Center amplifying gate
Metal case with ceramic insulator
International standard case TO-200AB (A-PUK)
Typical Applications
DC motor controls
Controlled DC power supplies
AC controllers
I
T(AV)
350
A
@ T
hs
55
°C
I
T(RMS)
660
A
@ T
hs
25
°C
I
TSM
@ 50Hz
5000
A
@ 60Hz
5230
A
I
2t
@ 50Hz
125
KA
2s
@ 60Hz
114
KA
2s
V
DRM
/V
RRM
400 to 2000
V
t
q
typical
100
µs
T
J
- 40 to 125
°C
Parameters
ST180C..C
Units
Major Ratings and Characteristics
case style TO-200AB (A-PUK)
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - ST180C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST180C04C0 IRF-ST180C04C0 Datasheet
96Kb / 7P
PHASE CONTROL THYRISTORS
ST180C04C0L IRF-ST180C04C0L Datasheet
96Kb / 7P
PHASE CONTROL THYRISTORS
ST180C04C1 IRF-ST180C04C1 Datasheet
96Kb / 7P
PHASE CONTROL THYRISTORS
ST180C04C1L IRF-ST180C04C1L Datasheet
96Kb / 7P
PHASE CONTROL THYRISTORS
ST180C04C2 IRF-ST180C04C2 Datasheet
96Kb / 7P
PHASE CONTROL THYRISTORS
More results

Similar Description - ST180C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST1200C IRF-ST1200C Datasheet
186Kb / 7P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C11111 IRF-ST330C11111 Datasheet
207Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST380CH IRF-ST380CH Datasheet
206Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
PHASE CONTROL THYRISTORS Hockey Puk Version
ST780C IRF-ST780C Datasheet
263Kb / 8P
PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com