Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD17708 Datasheet(PDF) 1 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 1 Page - NEC

  UPD17708 Datasheet HTML 1Page - NEC UPD17708 Datasheet HTML 2Page - NEC UPD17708 Datasheet HTML 3Page - NEC UPD17708 Datasheet HTML 4Page - NEC UPD17708 Datasheet HTML 5Page - NEC UPD17708 Datasheet HTML 6Page - NEC UPD17708 Datasheet HTML 7Page - NEC UPD17708 Datasheet HTML 8Page - NEC UPD17708 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 356 page
background image
The mark
shows major revised points.
MOS INTEGRATED CIRCUIT
Document No. U11624EJ2V0DS00 (2nd edition)
Date Published December 1996 N
Printed in Japan
The
µPD17704, 17705, 17707, 17708, and 17709 are 4-bit single-chip CMOS microcontrollers containing
hardware for digital tuning systems.
Provided with a wealth of hardware, these microcontrollers are available in many variations of ROM and RAM
capacities to support various applications.
Therefore, a high-performance, multi-function digital tuning system can be configured with only one chip.
In addition, a one-time PROM model,
µPD17P709, which can be written only once and therefore is ideal for
program evaluation and small-scale production of a
µPD17704, 17705, 17707, 17708, or 17709 system, is also
available.
FEATURES
µPD17704
µPD17705
µPD17707
µPD17708
µPD17709
Program memory (ROM)
16K bytes
24K bytes
32K bytes
(8192
× 16 bits) (12288 × 16 bits)
(16384
× 16 bits)
General Purpose data
672
× 4 bits
1120
× 4 bits
1776
× 4 bits
memory (RAM)
•
Instruction execution time
•
Many interrupts
1.78
µs (with fX = 4.5-MHz crystal oscillator)
External
: 6 sources
•
PLL frequency synthesizer
Internal
: 6 sources
Dual modulus prescaler (130 MHz MAX.),
•
Power-ON reset, CE reset, and power failure
programmable divider, phase comparator, charge
detection circuit
pump
•
Supply voltage: VDD = 5 V
± 10 %
•
Abundant peripheral hardware units
General-purpose I/O ports, serial interfaces, A/D
converter, D/A converter (PWM output), BEEP
output, frequency counter
Unless otherwise specified, the
µPD17709 is treated as the representative model in this document.
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED
HARDWARE FOR DIGITAL TUNING SYSTEM
The information in this document is subject to change without notice.
µPD17704,17705,17707,17708,17709
©
1996
DATA SHEET


Similar Part No. - UPD17708

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17708 RENESAS-UPD17708 Datasheet
1Mb / 358P
MOS INTEGRATED CIRCUIT
1996
UPD17708A RENESAS-UPD17708A Datasheet
390Kb / 38P
MOS INTEGRATED CIRCUIT
2021
More results

Similar Description - UPD17708

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17005 NEC-UPD17005 Datasheet
15Mb / 482P
DIGITAL TUNING SYSTEM HARDWARE BUILT-IN 4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17010 NEC-UPD17010 Datasheet
1Mb / 424P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE DEDICATED TO DIGITAL TUNING SYSTEM
UPD17016 NEC-UPD17016 Datasheet
1Mb / 324P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
UPD17072 NEC-UPD17072 Datasheet
1Mb / 226P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17717 NEC-UPD17717 Datasheet
1Mb / 408P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17933 NEC-UPD17933 Datasheet
1,022Kb / 252P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
UPD17P709 NEC-UPD17P709 Datasheet
201Kb / 38P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
UPD17P719 NEC-UPD17P719 Datasheet
201Kb / 40P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
logo
Renesas Technology Corp
PD17P709A RENESAS-PD17P709A_15 Datasheet
390Kb / 38P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PD17012 RENESAS-PD17012_15 Datasheet
1Mb / 320P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com