Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1900C Datasheet(PDF) 3 Page - International Rectifier

Part # ST1900C
Description  PHASE CONTROL THYRISTORS Hockey Puk Version
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST1900C Datasheet(HTML) 3 Page - International Rectifier

  ST1900C Datasheet HTML 1Page - International Rectifier ST1900C Datasheet HTML 2Page - International Rectifier ST1900C Datasheet HTML 3Page - International Rectifier ST1900C Datasheet HTML 4Page - International Rectifier ST1900C Datasheet HTML 5Page - International Rectifier ST1900C Datasheet HTML 6Page - International Rectifier ST1900C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ST1900C..R Series
2222222222222
12
D-408
Voltage
V
DRM
/V
RRM
, max. repetitive
V
RSM
, maximum non-
I
DRM
/I
RRM
max.
Type number
Code
peak and off-state voltage
repetitive peak voltage
@ T
C
= 125°C
V
V
mA
45
4500
4600
46
4600
4700
48
4800
4900
50
5000
5100
52
5200
5300
ELECTRICAL SPECIFICATIONS
Voltage Ratings
ST1900C..R
250
I
T(AV)
Max. average on-state current
1625 (1030)
A
@ Case temperature
80
°C
I
T(AV)
Max. average on-state current
1940 (800)
A
@ Heatsink temperature
55 (85)
°C
I
T(RMS)
Max. RMS on-state current
3500
A
DC @ 25°C heatsink temperature double side cooled
I
TSM
Max. peak, one-cycle
No voltage
non-repetitive surge current
reapplied
50% V
RRM
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
No voltage
Initial T
C
= 125°C
reapplied
50% V
RRM
reapplied
V
T(TO)
Max. value of threshold voltage
1.4
V
T
J
= T
J
max.
r
t
Max. value of on-state slope
resistance
V
TM
Max. on-state voltage
2.1
V
I
pk
= 2900A, T
C
= 25°C
I
L
Typical latching current
300
mA
T
J
= 25°C, V
D
= 5V
Parameter
ST1900C..R
Units
Conditions
On-state Conduction
A
KA
2s
0.31
T
J
= T
J
max.
m
Ω
180° conduction, half sine wave
double side (single side [anode side]) cooled
Parameter
ST1900C..R
Units Conditions
Switching
di/dt
Max. repetitive 50Hz (no repetitive)
From 67% V
DRM
to 1000A gate drive 20V, 10
Ω, t
r =
0.5µs
rate of rise of turned-on current
to 1A, T
J
= T
J
max.
Gate drive 30V, 15
Ω, V
d
= 67% V
DRM
, T
J
= 25°C
Rise time 0.5µs
I
T
= 1000A, t
p
= 1ms, T
J
= T
J
max, V
RM
= 50V,
dI
RR
/dt = 20A/µs, V
DR
= 67% V
DRM
, dV
DR
/dt = 8V/µs linear
150 (300)
A/µs
µs
t
q
Typical turn-off time
500
t
d
Maximum delay time
2.5
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
27500
29000
22000
23500
3780
3490
2420
2290
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com