Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN495 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN495
Description  Effective filtering of TDE1707
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN495 Datasheet(HTML) 2 Page - STMicroelectronics

  AN495 Datasheet HTML 1Page - STMicroelectronics AN495 Datasheet HTML 2Page - STMicroelectronics AN495 Datasheet HTML 3Page - STMicroelectronics AN495 Datasheet HTML 4Page - STMicroelectronics AN495 Datasheet HTML 5Page - STMicroelectronics AN495 Datasheet HTML 6Page - STMicroelectronics AN495 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Effective filtering
AN495
2/7
DocID1745 Rev 4
1
Effective filtering
In the application circuit (Figure 2) taken from the TDE1707 device datasheet, the use of
filter capacitors is recommended on both:
•
the power supply (+Vs pin 7).
•
the +5 V regulated voltage (Vreg pin 6).
–
To understand the function of the Vreg capacitor, it is necessary to consider that
the Vreg pin makes available a regulated voltage that can be used to supply
external circuits (typically proximity detectors); but the TDE1707 itself always uses
the Vreg to supply most of its internal circuits (see Figure 1: Block diagram).
Internally to the TDE1707, Vreg supplies all the functional blocks, except the
output power transistor (and the Driver-Led, when the Led is connected as in “load
to GND configuration”).
–
In a real application, the TDE1707 and associated circuitry can be significantly
farther away from the power supply and the long connection wires will act as a
serial inductor.
At power-on, or at turn-on of the power transistor, or in coincidence with load variations, this
inductance will react to the current variations with wide voltage variations. In proximity
sensor applications, for space reasons, the size of the filtering capacitors must be reduced
as much as possible.
The voltage oscillation can induce two kind of problems in the circuit:
1.
Overvoltage on the +Vs pin, connected to the +24 V bus, which can exceed the
TDE1707 rated limit.
2.
Disturbances inside the circuit (TDE1707), because the noise immunity level is
exceeded with disruption of the input/output function.
Filtering the overvoltage on the +Vs is possible only by an external capacitance between
+Vs (pin7) and Ground (pin4) to limit voltage spikes at the device’s rated values.
Figure 2. Application circuit
10nF
1mSec/nF
10nF
8
2
4
3
6
5
1
7
TDE1707
INPUT
VCC
GROUND
LOAD
10nf to 1uF
High side load
10nF
1mSec/nF
10nF
10nF to 1uF
1
2
4
3
6
5
7
8
TDE1707
INPUT
VCC
GROUND
LOAD
Low side load



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com