Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN880 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN880
Description  A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN880 Datasheet(HTML) 2 Page - STMicroelectronics

  AN880 Datasheet HTML 1Page - STMicroelectronics AN880 Datasheet HTML 2Page - STMicroelectronics AN880 Datasheet HTML 3Page - STMicroelectronics AN880 Datasheet HTML 4Page - STMicroelectronics AN880 Datasheet HTML 5Page - STMicroelectronics AN880 Datasheet HTML 6Page - STMicroelectronics AN880 Datasheet HTML 7Page - STMicroelectronics AN880 Datasheet HTML 8Page - STMicroelectronics AN880 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
THE L6569 AND ITS APPLICATIONS
The L6569
The L6569 is able to directly control a symmetric
half bridge inverter of a fluorescent lamp ballast,
or a low voltage halogen lamp transformer.Two
270mA buffers drive the inverter MOSFETs in
complementary fashion with a 1.25
µs built-in
dead time to prevent cross conduction. The buffer
for the upper Mosfet is driven through a 600V
level shifter realized in BCD off line technology.
The oscillator, similar to a CMOS 555 timer, oper-
ates from 25 to 150 kHz with a +/-5% maximum
tolerance. The internal 15V shunt regulator has a
9V Under Voltage Lock Out with an 1V hysteresis,
and the circuit requires only 150
µA at power up.
The L6569 integrates a high voltage Lateral
DMOS transistor in place of the usual external di-
ode [2] to charge the bootstrap capacitor for the
upper buffer. Figure 5 shows DMOS operating as
a synchronous rectifier.
The applications
The primary application for the L6569 is the Com-
pact Fluorescent Lamp. With the oscillator, the
supply and the Mosfet drivers it is the core of the
application, and designers can customize the cir-
cuit to their requirements.
RF
CF
HVG
OUT
LVG
BOOT
VS
GND
LEVEL
SHIFTER
LOGIC CONTROL
with DEAD TIME
LOW
SIDE
DRIVER
HIGH
SIDE
DRIVER
CHARGE
PUMP
UVLO
Figure 3: Block diagram of the L6569.
AC LINE
180K
Ω
L6569
10K
Ω
22
Ω
22
Ω
10
µF
10
µF
STD4NK50Z
LAMP
1nF
100nF
D02IN1385
Figure 4: Basic application diagram using the L6569 and two STD4NK50Z MOSFETs.
AN880 APPLICATION NOTE
2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com