Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1126 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1126
Description  CURRENT SHARING OF THE L4973
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1126 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1126 Datasheet HTML 3Page - STMicroelectronics AN1126 Datasheet HTML 4Page - STMicroelectronics AN1126 Datasheet HTML 5Page - STMicroelectronics AN1126 Datasheet HTML 6Page - STMicroelectronics AN1126 Datasheet HTML 7Page - STMicroelectronics AN1126 Datasheet HTML 8Page - STMicroelectronics AN1126 Datasheet HTML 9Page - STMicroelectronics AN1126 Datasheet HTML 10Page - STMicroelectronics AN1126 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
The gained power as a percentage of the output power using the multiphase PWMs instead of synchro-
nized PWMs is :
∆P%(δ) =
Psaved
(δ)
Po
⋅ 100
∆P%(δ) =
ESR
2
⋅
Iout
Vcc
⋅ 100
So the percentage gained power,
∆P%, for a fixed Iout, Vcc and ESR does not change with the output
voltage.
For example if the input capacitor has an ESR of 100mOhm for a 12V/3.3V or 12V/5V power conversion,
with Iout = 7A, there is in both cases a
∆P% gain of 3% .
Table1 shows in details the major tips for different output voltages.
Table 1. Vcc = 12V , Iout = 7A, ESR=100m
Ω.
Vo
(V)
Irmssync
(A)
Irmsmulti
(A)
∆Irms
(A)
Psync
(W)
Pmulti
(W)
Psaved
(W)
∆P%
Gained
3.3
3.13
1.74
1.39
0.98
0.3
0.68
3%
5.1
3.46
1.25
2.21
1.2
0.16
1.04
3%
6
3.5
0
3.5
1.23
0
1.23
3%
The gained power
∆P% versus duty cycle is shown in figure 10.
0
1
2
3
4
5
6
7
8
9
10
0
0.5
1
1.5
2
Psave(
)
,
,
,
Iout 5.1 12 0.05
Psave(
)
,
,
,
Iout 5.1 12 0.085
Psave(
)
,
,
,
Iout 5.1 12 0.1
Iout
Vo=5.1V
fsw=200kHz
Vcc=12V
50m
Ω
85m
Ω
ESR=100m
Ω
Psaved
[ W ]
[ A ]
Figure 10. Power saved vs. Iout.
AN1126 APPLICATION NOTE
7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com