Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1300 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1300
Description  L6598 BASED 12V/3A RESONANT APPLICATION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1300 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1300 Datasheet HTML 1Page - STMicroelectronics AN1300 Datasheet HTML 2Page - STMicroelectronics AN1300 Datasheet HTML 3Page - STMicroelectronics AN1300 Datasheet HTML 4Page - STMicroelectronics AN1300 Datasheet HTML 5Page - STMicroelectronics AN1300 Datasheet HTML 6Page - STMicroelectronics AN1300 Datasheet HTML 7Page - STMicroelectronics AN1300 Datasheet HTML 8Page - STMicroelectronics AN1300 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
AN1300 APPLICATION NOTE
DESIGNING 36 WATT SERIES RESONANT CONVERTER
General Specifications:
Input Voltage:
85 - 130 Vrms
Output Voltage:
12 VDC +/- 2%
Rated Output Current:
3 A
Lightest Output Current:
0.5 A
The tank circuit will operate at a resonant frequency of 100 kHz.
Transformer Design
The E-E core size for a forward converter of this output power is about 25 mm. I will use TDK part number EE25/
19 core using the H7C1 material in this example.
The number of turns needed for the primary, operating at about 40 percent of the saturation flux density (1800
G), is about 49 turns. We will use a 2 section bobbin to "enhance" the primary’s leakage inductance, though, is
a very complex phenomenon, and this result will only be a rough estimation.
[Eq. 4]
Where:
K1 is equal to 3 for a simple primary and secondary winding
Lmt is the mean length of a turn around the bobbin for the whole winding (in).
nx is the turns contained in the winding being analyzed
W1 is the length of the winding from end-to-end (in)
Tins is the thickness of the wire insulation (in)
bw is the build (or thickness from the bobbin center-leg) of all the windings of the completed transformer (in)
This relationship shows the largest factors in the amount of leakage inductance a winding will exhibit, is most
influenced by the length of the winding (Wl), the turns (nx) and the number of layers of turns (bw).
Plugging in the wire and core-related dimensions and solving, one arrives at a preliminary leakage inductance
of 44
µH. This will be used to calculate a preliminary value for the resonant capacitor.
The number of turns needed for the auxiliary and output windings will be 10 turns. I will use litz wire on the
secondary winding of 12 strands of 30 AWG to enhance the flexibility of the wire.
Design of the Tank Circuit
Calculating the value of the resonant capacitor to produce a resonance frequency of 100 kHz, one uses:
[Eq. 5]
Solving for this, using the leakage inductance found above, one gets a resonant capacitance of 0.056
µF.
Design of the Output Circuit
The value of the output capacitance to produce the desired level of ripple voltage is found by:
[Eq. 6]
This makes the output capacitance equal to 100
µF, which is needed to produce a ripple voltage of 30 mV when
the power supply is fully loaded at an output of 3 amperes.
L
lea k
K1 L
mt
()nx
2
100W
l
-------------------------------- Tins
b
w
3
-------
+


≈
C
r
1
2
πrf
()
2
L
r
-------------------------
=
C
o
I
out m ax
() 1d
–
[]
fV
rip ple p
p
–
()
()
-----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com