Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1439 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1439
Description  30 W AC-DC adapter with the L6565
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1439 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1439 Datasheet HTML 1Page - STMicroelectronics AN1439 Datasheet HTML 2Page - STMicroelectronics AN1439 Datasheet HTML 3Page - STMicroelectronics AN1439 Datasheet HTML 4Page - STMicroelectronics AN1439 Datasheet HTML 5Page - STMicroelectronics AN1439 Datasheet HTML 6Page - STMicroelectronics AN1439 Datasheet HTML 7Page - STMicroelectronics AN1439 Datasheet HTML 8Page - STMicroelectronics AN1439 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AN1439
List of tables
3/17
List of tables
Table 1.
STEVAL-ISC001V1 evaluation board: electrical specifications . . . . . . . . . . . . . . . . . . . . . . 5
Table 2.
STEVAL-ISC001V1 evaluation board: bill of material. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Table 3.
STEVAL-ISC001V1: transformer specification (part number 558179, supplied by
Albe s.r.l.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Table 4.
Limits set by European code of conduct on efficiency of external power supplies . . . . . . . . 8
Table 5.
STEVAL-ISC001V1: typical performance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 6.
STEVAL-ISC001V1: line/load regulation and efficiency . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 7.
STEVAL-ISC001V1: light-load input power (at Pout = 0.5 W) . . . . . . . . . . . . . . . . . . . . . . . 10
Table 8.
STEVAL-ISC001V1: no-load input power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 9.
STEVAL-ISC001V1: maximum power capability (measured at 0.95·Vout) . . . . . . . . . . . . . 10
Table 10.
STEVAL-ISC001V1: typical wakeup time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 11.
STEVAL-ISC001V1 modified as per optimization steps 1 to 3: no-load input power measure-
ments . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 12.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com