Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1660 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1660
Description  ZVS RESONANT CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1660 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1660 Datasheet HTML 5Page - STMicroelectronics AN1660 Datasheet HTML 6Page - STMicroelectronics AN1660 Datasheet HTML 7Page - STMicroelectronics AN1660 Datasheet HTML 8Page - STMicroelectronics AN1660 Datasheet HTML 9Page - STMicroelectronics AN1660 Datasheet HTML 10Page - STMicroelectronics AN1660 Datasheet HTML 11Page - STMicroelectronics AN1660 Datasheet HTML 12Page - STMicroelectronics AN1660 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9/13
AN1660 APPLICATION NOTE
(18)
According to this equation, the minimum voltage Vcmin is obtained as follows:
(19)
The Vcmax can be calculated according to equation (14). The maximum voltage applied to the resonant
capacitor tends to increase as the output current increase.
Calculated Vcmax in this application is 310V at maximum output power.
3.5 Peak value Il1pk of resonant current
Resonant current iL1 is calculated according to equation (16). The peak value of iL1 is
(20)
Calculated IL1pk is 1.9A in this application.
3.6 Over current protection and over voltage protection
We set the over current protection point at IL1pk = 2.1A. As the inverting input of operational amplifier is
0.4V, The calculated Rsense will be 0.4V/2.1A = 0.19ohm. Choose 0.2ohm/1W resistor as Rsense (R20).
Then the voltage on R20 will be 0.42V at expected OCP point.
By choosing the suitable voltage divider R18 and R17, we can get the 0.4V voltage to OPin+.
In this application we choose R17 = 39Kohm , R18 = 1Kohm.
Over voltage protection is achieved by sense the supply voltage of L6598 --Vs. R4 and R5 is a voltage
divider which connected to Pin8 (EN1). When the voltage of Pin8 is higher than the threshold 0.6V, it forc-
es the device in a latched shut down state.
By choose R4 = 110Kohm and R5 = 5.6Kohm, the OVP is trigged at Vs = 12.4V. That is 10% higher than
the normal operating voltage.
4
EVALUATION RESULT OF DEMOBOARD
4.1 Operating waveforms
See the operating waveform in Fig.5
The measured value : I1 is 1.4A, Vcmax is 300V, IL1pk is 1.9A.
That is coincide with the calculated value.
Iout
2n L
1 Cr
T'r
-------------------------
V
in
nVou t
Vcmin
()
2
Cr
L
1
------
I
1
2
=
Vcmin
Vin
nVo ut
I
out
T'
r
2n L
1
Cr
-----------------------------


 2
I
1
2
+
Cr
L
1
------


--------------------------------------------------------------
=
IL
1pk
Vi n
n Vout
Vcmin
() Cr
L
1
------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com