Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN832 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN832
Description  L4981A SYNCHRONIZATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN832 Datasheet(HTML) 2 Page - STMicroelectronics

  AN832 Datasheet HTML 1Page - STMicroelectronics AN832 Datasheet HTML 2Page - STMicroelectronics AN832 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AN832 APPLICATION NOTE
2/3
The L4981A needs a minimum set-up time to recognize the sync. signal (see datasheet) and for this reason the
reported circuit is suggested. Using the UC3842 with the L4981A it is necessary to consider that the UC3842
does not have a dedicated sync. pin.
The suggested circuits are shown in fig. 3 and 4 for both master/slave configurations. For the above described
solutions, it is necessary to take care of properly setting the oscillation frequency of the two devices: in practice
the master oscillator frequency has to be higher than the slave one in any condition.
Finally, in fig. 5, it is mentioned an example in which an external frequency synchronizes both the PFC and the
PWM controller (L4990 or UC3842).
This can be a real situation in a TV or monitor application.
Figure 3. Sync. example between L4981A and a current mode controller.
Figure 4.
Figure 5.
L4981A
UC3842
5
16
4
D95IN295A
1K
10nF
8
100
8.2K
47
MASTER
SLAVE
L4981A
UC3842
616
D95IN296B
120
Ω
1N4148
3.3K
6.2V
470pF
2.2K
MASTER
SLAVE
L4981A
1
D95IN297A
120
Ω
3.3K
6.2V
470pF
1K
L4990
16
UC3842
5
4
10nF
8
100
8.2K
47
VP
≈40V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com