Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1673 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1673
Description  L6598 OFF-LINE CONTROLLER FOR RESONANT CONVERTERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1673 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1673 Datasheet HTML 6Page - STMicroelectronics AN1673 Datasheet HTML 7Page - STMicroelectronics AN1673 Datasheet HTML 8Page - STMicroelectronics AN1673 Datasheet HTML 9Page - STMicroelectronics AN1673 Datasheet HTML 10Page - STMicroelectronics AN1673 Datasheet HTML 11Page - STMicroelectronics AN1673 Datasheet HTML 12Page - STMicroelectronics AN1673 Datasheet HTML 13Page - STMicroelectronics AN1673 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AN1673 APPLICATION NOTE
10/24
Figure 11. Resonance's LCL-Resonant Converter
In the diagram at Fig.11, it can be observed the net circuit (seen from the OUT node) driven by the half
bridge totem pole. The circuit path consists in the series of a determine inductors (L_RES1), the primary of
the transformer (LMag. // Load) and the resonant capacitor (CRES). We call the series of the L_RES1 and
the Magnetizing inductance (LMag.) L_RES2.
The COS, placed between OUT and ground, is the equivalent capacitance seen at the driving node (related
to the power switches and to the circuit's distributed capacitors).
Let's start calling basic resonance the one concerning the circuit path net COS + L_RES + CRES.
Where L_RES can range between L_RES1 and L_RES2 depending on the Load value.
Assuming the CRES (tens or hundreds nF) value much higher than the COS one (COS is normally in the
range of nF or lower values), we can just consider the series COS + L_RES.
This basic resonance concerns the soft switching operation.
Soft switching.
Still referring to figure 10: The external active switch (QH) is cut off before the current across the induc-
tance reaches its zero (the active time is less than half period), the current is so forced to flow from the
node OUT; initially discharging COS then, as the voltage cross the voltage threshold, throw the free wheel-
ing diode DL.
After a short time (
≈ 300ns), when the Drain-Source voltage of QL is close to zero, the inherent gate driver
will be activated confirming its "ON" state.
The same will arises at the second half period: Driving off the active QL produces the commutation of the
node Out thanks to the energy transferred from the coil L_RES to the capacitance Cox and the resulting
activation of the opposite diode DH.
Both the rising and falling edges of the commutation can be considered as portions of the "above defined
basic resonance. In Fig.12 it can be observed the portion of sine shaped of the Out node commutations.
LEXT
LSTRAY
LMAGN
DRIVER-H
LOAD
OUT
QH
+HV-BUS
H.B. RESONANCES
DH
L-RES1
L-RES2
DL
COS
CRES
QL
DRIVER-L
D03IN1431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com