Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1842 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1842
Description  60W WIDE-RANGE POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1842 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1842 Datasheet HTML 6Page - STMicroelectronics AN1842 Datasheet HTML 7Page - STMicroelectronics AN1842 Datasheet HTML 8Page - STMicroelectronics AN1842 Datasheet HTML 9Page - STMicroelectronics AN1842 Datasheet HTML 10Page - STMicroelectronics AN1842 Datasheet HTML 11Page - STMicroelectronics AN1842 Datasheet HTML 12Page - STMicroelectronics AN1842 Datasheet HTML 13Page - STMicroelectronics AN1842 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AN1842 APPLICATION NOTE
10/17
Figure 19. Short circuit on 12V @90 VAC - 60Hz
- full load
Figure 20. Short circuit on 12V @265 VAC - 50Hz
- full load
Short Circuit Protection @ Low Load
After the full load tests, some checks on the short
circuit protection with reduced loads have been
done, as reported here following. The tests have
been done even at minimum and maximum input
voltage with the same results, as the previous
tests.
@Half Load
The waveforms of figure 21 are relevant to a short
circuit test simulating a fault during normal opera-
tions of the equipment, with a consumption halved
with respect to the maximum output power levels
(I+12V = 2A, I+5V = 1A).
– At Vin = 90Vac: shorting each output the over
current protection works correctly, providing for
the hiccup mode.
– At Vin = 265Vac: the circuit behaves correctly.
Figure 21. Short circuit on 5V @265 VAC - 50Hz
- half load
@Reduced Load
This condition simulates a fault during an operat-
ing transition of the equipment, with the backlight
off and a reduced consumption of the other output
(I+12V = 0A, I+5V = 0.5A).
– At Vin = 90Vac: shorting each output the over
current protection works correctly, providing for
the hiccup working mode.
– At Vin = 265Vac: the behaviour of the circuit is
correct like at 90Vac.
–
@Standby
This condition simulates a fault during the standby
operation of the equipment, with the backlight and
the scaler off, and the
µP working with a reduced
consumption (I+12V = 0A, I+5V = 33mA).
– At Vin = 90Vac: shorting each output the over-
current protection works correctly, providing for
the hiccup working mode.
– At Vin = 265Vac: the behaviour of the circuit is
correct like at 115Vac.
CH1:
VQ4 - Drain
CH2:
VPIN8 (Vcc)
CH4:
+12V short circuit current
CH1:
VQ4 - Drain
CH2:
VPIN8 (Vcc)
CH4:
+12V short circuit current
CH1:
VQ4 - Drain
CH2:
VPIN8 (Vcc)
CH4:
+5V short circuit current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com