Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1882 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1882
Description  This application note details the main features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1882 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1882 Datasheet HTML 1Page - STMicroelectronics AN1882 Datasheet HTML 2Page - STMicroelectronics AN1882 Datasheet HTML 3Page - STMicroelectronics AN1882 Datasheet HTML 4Page - STMicroelectronics AN1882 Datasheet HTML 5Page - STMicroelectronics AN1882 Datasheet HTML 6Page - STMicroelectronics AN1882 Datasheet HTML 7Page - STMicroelectronics AN1882 Datasheet HTML 8Page - STMicroelectronics AN1882 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
AN1882
Pins function
Doc ID 10209 Rev 4
5/30
1
Pins function
Figure 2.
Pins connection
Figure 3.
MSOP8 package
Table 1.
Pin description
N.
Name
Description
1
RUN
Shutdown input. When connected to a lower voltage than 0.5 V (down to GND) the device stops
working. When connected to a higher voltage than 1.3 V (up to VCC) the device is enabled. The pin
must not be left floating
2
COMP
Error amplifier output. A compensation network has to be connected from this pin to GND. Usually a
220 pF capacitor is enough to guarantee the loop stability (see related section)
3
VFB
Error amplifier inverting input, used to adjust the output voltage (from 0.6 V to VIN) by an external
divider.
4
GND
Ground
5
LX
Switch output node. Common point between high side and low side MOSFETs
6
VCC
Input voltage. The operating input voltage range is from 2 V to 5.5 V. An internal UVLO circuit
realizes a 200 mV (typ) hysteresis
7
SYNC
Operating mode selector input. Low consumption mode, when connected to a higher voltage than
1.3 V (up to VCC). Low noise mode when connected to a lower than 0.5 V (down to GND).
Synchronization mode when connected to an external appropriate clock generator. This pin must
not be left floating
8
PGOOD
Power Good comparator output. It is an open drain output. A pull-up resistor should be connected
between Power Good and VO. The pin is forced low when the output voltage is lower than 90% of
the regulated output voltage and goes high when the output voltage is greater than 90% of the
regulated output voltage. If not used, the pin can be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com