Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1895 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1895
Description  EVAL6562-375W Evaluation Board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1895 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1895 Datasheet HTML 1Page - STMicroelectronics AN1895 Datasheet HTML 2Page - STMicroelectronics AN1895 Datasheet HTML 3Page - STMicroelectronics AN1895 Datasheet HTML 4Page - STMicroelectronics AN1895 Datasheet HTML 5Page - STMicroelectronics AN1895 Datasheet HTML 6Page - STMicroelectronics AN1895 Datasheet HTML 7Page - STMicroelectronics AN1895 Datasheet HTML 8Page - STMicroelectronics AN1895 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AN1895
Board description
3/16
1
Board description
The EVAL6562-375W evaluation board includes a Power Factor Correction (PFC) pre-
regulator for a 300W ATX 12V power supply unit (PSU). It is able to deliver 375W continuous
power on a regulated 400V rail from a wide range of mains voltage. This rail will be the input
for the cascaded isolated DC-DC converter (typically a forward converter) that will provide
the output rails of the silver box. Although the ATX specification envisages air cooling,
typically realized with a fan capable of an airflow in the range of 25-35 CFM, this is not
allowed for in the design of this evaluation board. Enough heat sinking will be provided to
allow full-load operation in still air. With an appropriate airflow and without any change in the
circuit, the evaluation board can easily deliver up to 400-420W.
The L6562 controller chip is designed for Transition-Mode (TM) operation where the boost
inductor works next to the boundary between Continuous (CCM) and Discontinuous
Conduction Mode (DCM). However, with a slightly different usage, the chip can operate so
that the boost inductor works in CCM, hence surpassing the limitations of TM operation in
terms of power handling capability. The gate-drive capability of the L6562 (±0.8A min.) is
also adequate to drive the MOSFETs used at higher power levels.
This approach, which couples the simplicity and cost-effectiveness of TM operation with the
high-current capability of CCM operation, is the Fixed-Off-Time (FOT) control. The control
modulates the ON-time of the power switch, while its OFF-time is kept constant. More
precisely, it will be used the Line-Modulated FOT (LM-FOT) where the OFF-time of the
power switch is not rigorously constant but is modulated by the instantaneous mains
voltage. Please refer to [2] for a detailed description of this technique.
Table 1 summarizes the electrical specification of the application and Table 3 lists
transformer specifications.
The electrical schematic is shown in Figure 1 and the PCB layout in Figure 2.
Appendix A lists the bill of materials.
Table 1.
Electrical specifications
Parameter
Value
Line voltage range
90 to 265 VAC
Minimum line frequency (fL)47 Hz
Regulated output voltage
400 V
Rated output power
375 W
Maximum 2fL output voltage ripple
20V pk-pk
Hold-up time
17 ms
Maximum switching frequency (@ VIN = 90 VAC, POUT = 375 W)
100 kHz
Minimum estimated efficiency (@ VIN = 90 VAC, POUT = 375W)
90%
Maximum ambient temperature
50° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com