Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2052 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2052
Description  This report describes how the frequency modulation reduces
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2052 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2052 Datasheet HTML 1Page - STMicroelectronics AN2052 Datasheet HTML 2Page - STMicroelectronics AN2052 Datasheet HTML 3Page - STMicroelectronics AN2052 Datasheet HTML 4Page - STMicroelectronics AN2052 Datasheet HTML 5Page - STMicroelectronics AN2052 Datasheet HTML 6Page - STMicroelectronics AN2052 Datasheet HTML 7Page - STMicroelectronics AN2052 Datasheet HTML 8Page - STMicroelectronics AN2052 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID10909 Rev 2
5/13
AN2052
Circuit and description of test configurations
13
2
Circuit and description of test configurations
Figure 4. Original configuration (fixed frequency at 70 kHz, and no FM)
Figure 5. Configuration "A" (switching frequency from 63 kHz to 77 kHz FM cycle
20 ms, 50 Hz)
Figure 6. Configuration "B" (frequency from 63 kHz to 77 kHz, FM cycle 1.4 ms,
700 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com