Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2359 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2359
Description  Double output Buck-Boost converter with VIPerX2A
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2359 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2359 Datasheet HTML 1Page - STMicroelectronics AN2359 Datasheet HTML 2Page - STMicroelectronics AN2359 Datasheet HTML 3Page - STMicroelectronics AN2359 Datasheet HTML 4Page - STMicroelectronics AN2359 Datasheet HTML 5Page - STMicroelectronics AN2359 Datasheet HTML 6Page - STMicroelectronics AN2359 Datasheet HTML 7Page - STMicroelectronics AN2359 Datasheet HTML 8Page - STMicroelectronics AN2359 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AN2359
VIPerX2 description
5/18
1
VIPerX2 description
The proposed converters are based on The VIPerX2A family, which is a range of smart
power devices with current mode PWM controller, start-up circuit and protections integrated
in a monolithic chip using VIPower M0 Technology.
The VIPerX2A family includes:
VIPer12, with a 0.4A peak drain current limitation and 730V breakdown voltage;
VIPer22, with a 0.7A peak drain current limitation and 730V breakdown voltage.
The switching frequency is internally fixed at 60kHz by the integrated oscillator of the
VIPerX2.
The internal control circuit offers the following benefits:
Large input voltage range on the V DD pin accommodates changes in supply
voltage;
Automatic burst mode in low load condition;
Overload protection in hiccup mode.
The feedback pin FB is sensitive to current and controls the operation of the device.
2
Output voltage selection
Two converters with different output voltage are introduced in this paper. The main
specifications are listed in Table 1.
As already discussed, VOUT2 is obtained by means of an intermediate tap on the inductor.
This imposes, for the two solutions, a different design of the output inductor in terms of turns
ratio, i.e. n=1.4 for the –12V solution, against n=3.8 for the –24V solution (even if it could be
necessary to tune the turn ratio for proper output voltage).
Some disadvantage are related to the –12V solution:
The parasitic capacitance effect between the two windings is increased, compared
to the second one. This will bring about higher switching losses in turn-on (see
Figure 10. and Figure 11.) and, consequently, a worsening in terms of efficiency;
A higher voltage diode is needed to supply the VIPer;
The peak current is twice higher, giving less output power margin for a given IDLIM.
Therefore, a –24V/-5V solution can be suitably used for all those applications where
efficiency and cost are important and, in general, in all the designs where a –24V output
voltage does not impact on the cost of the relays and drivers.
Table 1.
Proposed converters
Output 1
Output 2
POUT(MAX)
-12V/150mA
-5V/300mA
3.3W
-24V/100mA
-5V/300mA
3.9W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com