Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD17934 Datasheet(PDF) 1 Page - NEC

Part # UPD17934
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17934 Datasheet(HTML) 1 Page - NEC

  UPD17934 Datasheet HTML 1Page - NEC UPD17934 Datasheet HTML 2Page - NEC UPD17934 Datasheet HTML 3Page - NEC UPD17934 Datasheet HTML 4Page - NEC UPD17934 Datasheet HTML 5Page - NEC UPD17934 Datasheet HTML 6Page - NEC UPD17934 Datasheet HTML 7Page - NEC UPD17934 Datasheet HTML 8Page - NEC UPD17934 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 252 page
background image
µPD17933,17934
MOS INTEGRATED CIRCUIT
Document No. U11947EJ2V0DS00 (2nd edition)
Date Published July 1998 N CP(K)
Printed in Japan
The
µPD17933 and 17934 are 4-bit single-chip CMOS microcontrollers with hardware for digital tuning
systems (DTSs).
These microcontrollers integrate a prescaler that operates at a voltage as low as 1.05 V and up to 220 MHz,
a PLL frequency synthesizer, an intermediate frequency (IF) counter, and an LCD controller/driver on a single
chip.
Therefore, a high-performance digital tuning system for a portable set can be organized with a single chip.
FEATURES
•
Program memory (ROM)
•
Peripheral hardware
µPD17933
: 12K bytes (6144
× 16 bits)
General-purpose I/O ports, LCD controller/driver,
µPD17934
: 16K bytes (8192
× 16 bits)
serial interface, A/D converter, BEEP output,
•
General-purpose data memory (RAM) )
frequency counter
448
× 4 bits
•
Interrupt
•
Instruction execution time
External: 1 source
53.3
µs (with 75-kHz crystal resonator)
Internal : 3 sources
•
PLL frequency synthesizer
•
Reset by RESET pin
Dual modulus prescaler (220 MHz MAX.),
•
Low power consumption
programmable divider, phase comparator,
•
Supply voltage: VDD = 1.05 to 1.8 V
charge pump
ORDERING INFORMATION
Part Number
Package
µPD17933GK-×××-BE9
80-pin plastic TQFP (12
× 12 mm, 0.5 mm pitch)
µPD17934GK-×××-BE9
80-pin plastic TQFP (12
× 12 mm, 0.5 mm pitch)
Remark
××× indicates ROM code suffix.
Unless otherwise specified, the
µPD17934 is explained as the representative model in this document.
4-BIT SINGLE-CHIP MICROCONTROLLERS
WITH DIGITAL TUNING SYSTEM HARDWARE
The information in this document is subject to change without notice.
©
1997
DATA SHEET
The mark
shows major revised points.


Similar Part No. - UPD17934

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17934GK-XXX-BE9 RENESAS-UPD17934GK-XXX-BE9 Datasheet
1Mb / 254P
MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD17934

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17005 NEC-UPD17005 Datasheet
15Mb / 482P
DIGITAL TUNING SYSTEM HARDWARE BUILT-IN 4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17010 NEC-UPD17010 Datasheet
1Mb / 424P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE DEDICATED TO DIGITAL TUNING SYSTEM
UPD17016 NEC-UPD17016 Datasheet
1Mb / 324P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
UPD17072 NEC-UPD17072 Datasheet
1Mb / 226P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17704 NEC-UPD17704 Datasheet
1Mb / 356P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17717 NEC-UPD17717 Datasheet
1Mb / 408P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17P709 NEC-UPD17P709 Datasheet
201Kb / 38P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
UPD17P719 NEC-UPD17P719 Datasheet
201Kb / 40P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
logo
Renesas Technology Corp
PD17P709A RENESAS-PD17P709A_15 Datasheet
390Kb / 38P
4-BIT SINGLE-CHIP MICROCONTROLLER WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PD17012 RENESAS-PD17012_15 Datasheet
1Mb / 320P
4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com