Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2644 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2644
Description  An introduction to LLC resonant
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2644 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2644 Datasheet HTML 3Page - STMicroelectronics AN2644 Datasheet HTML 4Page - STMicroelectronics AN2644 Datasheet HTML 5Page - STMicroelectronics AN2644 Datasheet HTML 6Page - STMicroelectronics AN2644 Datasheet HTML 7Page - STMicroelectronics AN2644 Datasheet HTML 8Page - STMicroelectronics AN2644 Datasheet HTML 9Page - STMicroelectronics AN2644 Datasheet HTML 10Page - STMicroelectronics AN2644 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
AN2644
The LLC resonant half-bridge converter
7/64
In resonant inverters (and converters too) power flow can be controlled by the switch
network either by changing the frequency of the square wave voltage, or its duty cycle, or
both, or by special control schemes such as phase-shift control. In this context we will focus
on power flow control by frequency modulation, that is, by changing the frequency of the
square wave closer to or further from the tank circuit's resonant frequency while keeping its
duty cycle fixed.
2
The LLC resonant half-bridge converter
2.1
General overview
According to another way of designating resonant converters, the LLC resonant half-bridge
belongs to the family of multiresonant converters. Actually, since the resonant tank includes
three reactive elements (Cr, Ls and Lp, shown in Figure 3), there are two resonant
frequencies associated to this circuit. One is related to the condition of the secondary
winding(s) conducting, where the inductance Lp disappears because dynamically shorted
out by the low-pass filter and the load (there is a constant voltage a Vout across it):
Equation 1
the other resonant frequency is relevant to the condition of the secondary winding(s) open,
where the tank circuit turns from LLC to LC because Ls and Lp can be unified in a single
inductor:
Equation 2
It will be of course fR1 > fR2. Normally, fR1 is referred to as the resonance frequency of the
LLC resonant tank, while fR2 is sometimes called the second (or lower) resonance
frequency. The separation between fR1 and fR2 depends on the ratio of Lp to Ls. The larger
this ratio is, the further the two frequencies will be and vice versa. The value of Lp/Ls
(typically > 1) is an important design parameter.
It is possible to show that for frequencies f > fR1 the input impedance of the loaded resonant
tank is inductive and that for frequencies f < fR2 the input impedance is capacitive. In the
frequency region fR2 < f < fR1 the impedance can be either inductive or capacitive depending
on the load resistance R. A critical value Rcrit exists such that if R < Rcrit then the
impedance will be capacitive, inductive for R> Rcrit. For a given tank circuit the value of Rcrit
depends on f. More precisely, in [6] it is shown that for any tank circuit configuration (then for
the LLC in particular):
Equation 3
where Zo0 and Zo∞ are the resonant tank output impedances with the source input short-
circuited and open-circuited, respectively.
f
R1
1
2
π Ls Cr
⋅
-----------------------------
=
f
R2
1
2
π Ls Lp
+
()Cr
-------------------------------------------
=
R
crit
Zo
0
Zo∞
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com