Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2654 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2654
Description  CCFL backlight half-bridge topology based on L6574 and STD7NS20
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2654 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2654 Datasheet HTML 5Page - STMicroelectronics AN2654 Datasheet HTML 6Page - STMicroelectronics AN2654 Datasheet HTML 7Page - STMicroelectronics AN2654 Datasheet HTML 8Page - STMicroelectronics AN2654 Datasheet HTML 9Page - STMicroelectronics AN2654 Datasheet HTML 10Page - STMicroelectronics AN2654 Datasheet HTML 11Page - STMicroelectronics AN2654 Datasheet HTML 12Page - STMicroelectronics AN2654 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
AN2654
Electrical function of the design
9/26
2
Electrical function of the design
2.1
Enable
Enable is the function to turn on/off the VCC of the IC (see Figure 6). A CMOS or TTL logic
signal can be used to drive the L6574 into an on/off state. High enables the chip, low
disables it.
2.2
Operation
In Figure 7, Q1 and Q2 are driven by the L6574 in a half-bridge configuration to power the
CCFL lamps. In order to provide several kV striking voltage for ignition, one LC tank has
been added on the secondary side of the transformer to generate the proper alternative
voltage. After power-on, the MOSFET driving frequency starts with a high frequency and
decreases to a lower operating point following a descending slope. Ignition is accomplished
within this frequency shift. The leakage inductance of the secondary side and the reflected
inductance from the primary side consist of the inductance of the LC tank (refer to Appendix
A). The capacitance is given by the parallel capacitor Cp.
Prior to ignition the LC resonant circuit provides a striking voltage to the lamp. After ignition,
impedance of the CCFL and ballast capacitor Cb becomes a portion of the resonant circuit,
too. The CCFL becomes an inductive load. This inductive load of half-bridge benefits the
MOSFET by making zero-voltage switching (refer to Figure 8). Thanks to the high-voltage
ZVS topology, the switching and conduction losses are greatly reduced.
Figure 6.
Enable function
Figure 7.
Resonant topology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com