Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TN0024 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TN0024
Description  Power supply HOLD-UP time
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0024 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TN0024 Datasheet HTML 3Page - STMicroelectronics TN0024 Datasheet HTML 4Page - STMicroelectronics TN0024 Datasheet HTML 5Page - STMicroelectronics TN0024 Datasheet HTML 6Page - STMicroelectronics TN0024 Datasheet HTML 7Page - STMicroelectronics TN0024 Datasheet HTML 8Page - STMicroelectronics TN0024 Datasheet HTML 9Page - STMicroelectronics TN0024 Datasheet HTML 10Page - STMicroelectronics TN0024 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TN0024
VIPer53DIP-E (see Figure 4)
9/11
Figure 5.
Measured voltage vs. time
7
VIPer53DIP-E (see Figure 4)
The VIPer53DIP-E has a state-of-the-art, enhanced current mode PWM circuit combined
with an optimized avalanche rugged high voltage MDMesh Power MOSFET in the same
package. The VIPer53DIP-E used for this application has an Rds(on) of 1.0 Ω, a peak current
of 1.7 A, a drain to source voltage rating of 620 V and is capable of 30 W for a wide voltage
range input voltage in the discontinuous flyback mode. It also has an overload delay at
TOVL controlled by an external capacitor.
The TOVL function is well suited for various length power line drop conditions which could
cause damage or overheating to the power supply. An external capacitor, C6, is used to
delay the overload protection to meet the designed HOLD-UP time specification and then
protect the power supply while entering an endless restart sequence. The VIPer53DIP-E
resumes normal switching immediately after the line voltage returns to the power supply
designed input voltage.
Time (5 ms/div)
Orange: Bulk capacitor voltage (20 V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com