Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0442 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0442
Description  Multiple application platform based on STR750FV2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0442 Datasheet HTML 13Page - STMicroelectronics UM0442 Datasheet HTML 14Page - STMicroelectronics UM0442 Datasheet HTML 15Page - STMicroelectronics UM0442 Datasheet HTML 16Page - STMicroelectronics UM0442 Datasheet HTML 17Page - STMicroelectronics UM0442 Datasheet HTML 18Page - STMicroelectronics UM0442 Datasheet HTML 19Page - STMicroelectronics UM0442 Datasheet HTML 20Page - STMicroelectronics UM0442 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
UM0442
Hardware configuration and functionality
17/33
Refer to Figure 14 and Table 9 for further details of the connector.
Figure 14.
DB9 male connector
4.15
UART connector
Other networking capabilities are offered by the UART connector on the board. It is linked to
the UART1 peripheral of the microcontroller through a ST202EC transceiver, using pins 11,
16 and 17 of the microcontroller itself, respectively for RTS, Tx and Rx capabilities.
The jumper JP19 near the transceiver, once closed, enables the CTS functionality. If open
the corresponding shared pin of the microcontroller (pin 15) can be used by the EXT
connector.
Before having a look at the pin correspondence Table 10 (the connector is a DB9 male as
the one used for CAN), a brief description of the S6 selector is needed.
If you close between the middle point and point 1 (upper side, near the connector), you
enable the RTS functionality, at the same time the jumper JP13 must be closed. Elsewhere,
if you close the middle pin with pin 3 you enable the NULL Modem mode (at the same time
jumper JP13 must be opened).
Table 9.
Pin numbering for the CAN connector
Pin number
Function
1NC
2NC
3GND
4CAN_L
5NC
6NC
7NC
8CAN_H
9GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com