Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2487 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2487
Description  power over Ethernet powered device demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2487 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2487 Datasheet HTML 3Page - STMicroelectronics AN2487 Datasheet HTML 4Page - STMicroelectronics AN2487 Datasheet HTML 5Page - STMicroelectronics AN2487 Datasheet HTML 6Page - STMicroelectronics AN2487 Datasheet HTML 7Page - STMicroelectronics AN2487 Datasheet HTML 8Page - STMicroelectronics AN2487 Datasheet HTML 9Page - STMicroelectronics AN2487 Datasheet HTML 10Page - STMicroelectronics AN2487 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AN2487
Powered device demonstration board
7/32
Enable
It was decided to use the Power Good signal from the STHS4257 to start the converter. This
ensures that the converter's input capacitor is fully charged well before the converter is
allowed to start. If the converter was started from its own input voltage, there would be a
coordination problem to be solved - the converter could start before the input capacitors
were charged if conditions were incorrect. The cost is only a resistor and a PNP transistor,
but the benefits include peace of mind.
Control chip
ST's L6565 quasi-resonant SMPS controller allows easy implementation of the transition
mode peak current control scheme. It was designed for line voltage, but it can operate at
much lower voltages with minor changes in the startup circuitry. The benefits include lower
EMI and much lower turn-on losses than any other scheme.
Operating frequency
Because the L6565 operates in transition mode, it operates at variable frequency. The
frequency is lowest at high output current and minimum input voltage. The converter is
designed to operate at about 30 kHz under full load at 36 V input. The transformer is
designed to go into saturation at a slightly lower frequency, and run at a higher frequency
with a higher input voltage and lighter loads.
If a fixed operating frequency is required, this is NOT the recommended method. In some
applications, the power supply must be synchronized with other circuitry so that its noise
spikes occur between signal sampling times. In this case, another controller should be used.
Noise generated by the transition mode scheme is quite low, however. It is more than
sufficient for the applications best suited for PoE technology.
Physical/mechanical
It was decided early on to keep the converter as small as possible consistent with the power
requirements. SMT was a requirement, as was low profile
Early experiments with small surface-mount power transformers in the 10 W range required
very high operating frequencies, in the 70 to 100 kHz range. The converters worked very
well, but it was very difficult to keep the 2 mm clearance required for the 1500 V isolation
requirement. Safety considerations made it necessary to include two unused pins between
the cable-connected side and the load side of the transformer. The smaller SMT bobbins
available would not support the wire required for 10 W of output. The smallest 12-pin SMT
bobbin available was finally chosen, and the transformer core that fit into it became the core
of choice.
The transformer height became the limiting height for components. Parts selection then
proceeded.
The final height was set at ½”, including the 1/16” thickness of the PC board, but not
including the RJ-45 connectors or their leads, or the terminal strips. These serve
demonstration functions only.
The supply dimensions (with the above exclusions) give a volume of 4" x 1.5" x 0.5", or 3 in3.
At 10 W output, power density is a respectable 3.3 W per in3, including the PoE functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com