Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2808 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2808
Description  The PM6670S device is a complete
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2808 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2808 Datasheet HTML 25Page - STMicroelectronics AN2808 Datasheet HTML 26Page - STMicroelectronics AN2808 Datasheet HTML 27Page - STMicroelectronics AN2808 Datasheet HTML 28Page - STMicroelectronics AN2808 Datasheet HTML 29Page - STMicroelectronics AN2808 Datasheet HTML 30Page - STMicroelectronics AN2808 Datasheet HTML 31Page - STMicroelectronics AN2808 Datasheet HTML 32Page - STMicroelectronics AN2808 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
AN2808
PM6670S evaluation tests
29/40
10.10.2
Switching frequency vs output current
The switching frequency can decrease to very low values in pulse-skip mode, whereas in
non-audible pulse-skip there is a lower limit (about 33 kHz). With increasing loads, however,
the switching frequency increases slightly as a consequence of conduction and switching
losses.
Figure 35.
fsw vs iload, Vin = 12 V voltage, DDR2(c)
10.11
Thermal behavior
The IC’s internal maximum and average temperature can be monitored by an IR camera.
For the following measures the test setup is:
VIN =12 V
FSW = 360 kHz
Pulse skip mode
IVDDQ = 8 A
VTT rail powered by VDDQ
TAMB = 26° C
When the VTT current is increased, the IC temperature changes as shown in the following
charts.
c.
Forced PWM (blue), no-audible pulse-skip (purple) and pulse-skip (yellow). Switching frequency vs output
current, VDDQ = 1.8 V, no load.
0
50
100
150
200
250
300
350
400
450
500
0.001
0.01
0.1
1
Output current (A)
AM00660v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com