Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2809 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2809
Description  The LED7706 consists of a high-efficiency monolithic boost converter and six controlled
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2809 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2809 Datasheet HTML 3Page - STMicroelectronics AN2809 Datasheet HTML 4Page - STMicroelectronics AN2809 Datasheet HTML 5Page - STMicroelectronics AN2809 Datasheet HTML 6Page - STMicroelectronics AN2809 Datasheet HTML 7Page - STMicroelectronics AN2809 Datasheet HTML 8Page - STMicroelectronics AN2809 Datasheet HTML 9Page - STMicroelectronics AN2809 Datasheet HTML 10Page - STMicroelectronics AN2809 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
AN2809
Component list
7/22
3
Component list
Table 2.
LED7706 component list
Qty
Component
Description
Package
Part number
MFR
Value
1
C1
Ceramic, 35V, X5R, 20%
SMD 1210
UMK325BJ106KM-T
Taiyo
Yuden
10µF
1
C2
Ceramic, 50V, X7R, 20%
SMD 1206
GRM31CR71H475KA88B
MURATA
4.7µF
2
C3, C4
Ceramic, 50V, X7R, 20%
SMD 1206
N.M.
1
C5
Ceramic, 25V, X5R, 20%
SMD 0603
Standard
1µF
1
C6
Ceramic, 25V, X5R, 20%
SMD 0603
Standard
100nF
1
C7
Ceramic, 25V, X5R, 20%
SMD 0603
Standard
3.3nF
1
C8
Ceramic, 25V, X5R, 20%
SMD 0603
Standard
4.7nF
1
C9
Ceramic, 25V, X5R, 20%
SMD 0603
Standard
N.M.
1
C10
Ceramic, 25V, X5R, 20%
SMD 0402
Standard
220pF
1
C11
Ceramic, 25V, X5R, 20%
SMD 0603
Standard
4.7nF
1
R1
Chip resistor, 0.1W, 1%
SMD 0603
Standard
510k
Ω
1
R2
Chip resistor, 0.1W, 1%
SMD 0603
Standard
16k
Ω
1
R3
Chip resistor, 0.1W, 1%
SMD 0603
Standard
2.4k
Ω
1
R4
Chip resistor, 0.1W, 1%
SMD 0603
Standard
4.7
Ω
1
R5
Chip resistor, 0.1W, 1%
SMD 0603
Standard
330k
Ω
1
R6
Chip resistor, 0.1W, 1%
SMD 0603
Standard
51k
Ω
1
R7
Chip resistor, 0.1W, 1%
SMD 0603
Standard
180k
Ω
1
R8
Chip resistor, 0.1W, 1%
SMD 0603
Standard
680k
Ω
2
R9, R10
Chip resistor, 0.1W, 1%
SMD 0603
Standard
100k
Ω
1
R11
Chip resistor, 0.1W, 1%
SMD 0603
Standard
1.2k
Ω
1
L1
6µ8, 75mH, 2.7A
6x6mm
LPS6235-682MLC
Coilcraft
6.8µH
1
D1
Schottky, 40V, 1A
DO216-AA
STPS1L40M
ST
STPS1L40M
1
D2
Red LED, 3mA
SMD 0603
Standard
1
U1
Integrated circuit
QFN4x4
LED7706
ST
LED7706
1
J2
PCB pad jumper
1
J8
Header 8
SIL 8
Standard
1
SW1, SW2
Jumper 3
SIL 3
Standard
1
SW3
Pushbutton
6x6mm
FSM4JSMAT
TYCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com