Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2818 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2818
Description  NiMH battery charger demonstration board through USB based on the ST7FLIT15BY0
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2818 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2818 Datasheet HTML 1Page - STMicroelectronics AN2818 Datasheet HTML 2Page - STMicroelectronics AN2818 Datasheet HTML 3Page - STMicroelectronics AN2818 Datasheet HTML 4Page - STMicroelectronics AN2818 Datasheet HTML 5Page - STMicroelectronics AN2818 Datasheet HTML 6Page - STMicroelectronics AN2818 Datasheet HTML 7Page - STMicroelectronics AN2818 Datasheet HTML 8Page - STMicroelectronics AN2818 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AN2818
Theory of operation
5/24
1
Theory of operation
1.1
NiMH battery charging
The NiMH batteries follow a constant current-charging algorithm.
Figure 1 shows the NiMH battery voltage, temperature and current profile during charging.
There are three main phases: the pre-charging phase, the charging phase and the
saturation mode (shown in Figure 1).
The end of the NiMH battery charging is generally detected using the methods described in
the following paragraphs. After the end of charging is detected, the charger switches to
saturation mode during which a trickle-charging current is provided to the battery to
compensate for the self-leakage.
1.1.1
Negative delta V method
As shown in Figure 1, the voltage of the NiMH battery drops a little at the end of the charge
time. As a consequence, when the voltage curve versus time becomes negative, charging is
stopped and trickle-charging is started.
1.1.2
Zero delta voltage method
This method is a variant of the negative delta V method. With a NiMH battery, there is a very
slight voltage drop (5-10 mV/cell) at the end of the charge time which is very difficult to
detect with a microcontroller’s 10-bit ADC. There is also a risk of detecting the wrong end of
charging due to noise. Therefore, instead of the negative delta voltage, it is possible to use a
dV = 0 condition for a certain time duration, which gives a very good approximation for
detecting the end of charging. For this reason, this is the method used in the present
demonstration board instead of the negative delta method or the other ones described in the
next paragraphs.
Figure 1.
NiMH battery charging profile
AM01039v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com