Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2827 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2827
Description  Driver for double flash LED with I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2827 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2827 Datasheet HTML 1Page - STMicroelectronics AN2827 Datasheet HTML 2Page - STMicroelectronics AN2827 Datasheet HTML 3Page - STMicroelectronics AN2827 Datasheet HTML 4Page - STMicroelectronics AN2827 Datasheet HTML 5Page - STMicroelectronics AN2827 Datasheet HTML 6Page - STMicroelectronics AN2827 Datasheet HTML 7Page - STMicroelectronics AN2827 Datasheet HTML 8Page - STMicroelectronics AN2827 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
AN2827
Selection of external components
Doc ID 15047 Rev 1
5/30
2
Selection of external components
2.1
Input and output capacitor selection
It is recommended to use ceramic capacitors with low ESR as input and output capacitors. It
is also recommended to use 10 µF/6.3 V as a minimum value for the input capacitor, and
1 µF/16 V as the optimal value for the output capacitor to achieve a good stability of the
device, for a supply range varying from a low input voltage (2.5 V) to the maximum ratings of
output power.
Note:
See recommended components in Table 1.
2.2
Inductor selection
A thin shielded inductor with a low DC series resistance of winding is recommended for this
application. To achieve a good efficiency in step-up mode, we recommend using an inductor
with a DC series resistance RDCL= RD / 10 [Ω; Ω, 1], where RD is the dynamic resistance of
the LED [
Ω; Ω, 1].
For nominal operation, the peak inductor current can be calculated by the formula:
IPEAK = [(IOUT / η) + (VOUT - VIN) x VIN²) / (2 x L x F x VOUT²)] x VOUT / VIN
Where:
IPEAK Peak inductor current
IOUT Current sourced at the VOUT-pin
η
Efficiency of the STCF05
VOUT Output voltage at the VOUT-pin
VIN
Input voltage at the VBAT-pin
L
Inductance value of the inductor
F
Switching frequency
Note:
See recommended components in Table 1.
2.3
LED selection
Any string of LEDs with a cumulative forward voltage ranging from 5.3 to 10.2 V is
compatible with the STCF05. The total LED spread must be taken into account when
calculating the minimum and maximum voltage of the LEDs that must be inside the
5.3 –10.2 voltage range. It is possible to set the level of the LED current to flash mode and
torch mode by setting the corresponding registers through the I²C interface.
Note:
See recommended components in Table 1.
2.4
NTC and RX resistor selection
Optionally, the STCF05 uses a negative thermistor (NTC) to sense the LED temperature, as
well as an RX resistor and an external voltage reference in order to use the NTC feature.
Refer to Figure 3: Typical application schematic for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com