Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2841 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2841
Description  This application note deals with the general principles of LED dimming
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2841 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2841 Datasheet HTML 1Page - STMicroelectronics AN2841 Datasheet HTML 2Page - STMicroelectronics AN2841 Datasheet HTML 3Page - STMicroelectronics AN2841 Datasheet HTML 4Page - STMicroelectronics AN2841 Datasheet HTML 5Page - STMicroelectronics AN2841 Datasheet HTML 6Page - STMicroelectronics AN2841 Datasheet HTML 7Page - STMicroelectronics AN2841 Datasheet HTML 8Page - STMicroelectronics AN2841 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
List of figures
AN2841
4/31
List of figures
Figure 1.
PWM signal with 16 steps of possible voltage values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
PWM serial-parallel conversion for multiple LED applications . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
Example of a specific lighting setting . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
Simplified setup of an application using an STP24DP05 . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
STM32 evaluation board setup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 6.
STM32 evaluation board block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 7.
Computation of
LEDdriverDATAbuffer variable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 8.
Conversion of
LEDmap array to LEDdriverDATAbuffer . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 9.
Dynamic data preparation - time consumption - block diagram . . . . . . . . . . . . . . . . . . . . . 12
Figure 10.
Dynamic data preparation - time consumption - real signals . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 11.
Static lookup table time consumption with 166 kHz - 333 kHz LE signal . . . . . . . . . . . . . . 13
Figure 12.
Timing diagram: Single interrupt method . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 13.
Real timing signals for single interrupt method . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 14.
Timing diagram: Single interrupt with DMA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 15.
Timer interrupt + DMA transfer + DMA interrupt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 16.
Real signals: timer interrupt + DMA transfer + DMA interrupt model . . . . . . . . . . . . . . . . . 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com