Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2844 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2844
Description  15 W wide range SMPS for metering
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2844 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2844 Datasheet HTML 1Page - STMicroelectronics AN2844 Datasheet HTML 2Page - STMicroelectronics AN2844 Datasheet HTML 3Page - STMicroelectronics AN2844 Datasheet HTML 4Page - STMicroelectronics AN2844 Datasheet HTML 5Page - STMicroelectronics AN2844 Datasheet HTML 6Page - STMicroelectronics AN2844 Datasheet HTML 7Page - STMicroelectronics AN2844 Datasheet HTML 8Page - STMicroelectronics AN2844 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
AN2844
Adapter features
5/37
2
Adapter features
2.1
Main characteristics
The following is a list of the specifications and main parameters of the demonstration board.
●
Minimum input voltage: 125 VDC
●
Maximum input voltage: 1250 VDC
●
Output voltage: 5 V - 3.0 A
●
Maximum output power: 15 W
●
Short-circuit protection based on auto-restart feature
●
Minimum switching frequency limited to 30 kHz
●
Overall converter efficiency > 60%
●
Non-galvanic isolated solution used in most metering applications
●
PCB type and size:
–
material used for PCB: FR-4
–
double-sided layout
–
thickness of copper: 35 µm
–
total diameter of demonstration board: 58 x 120 mm.
2.2
Circuit description
This device is a flyback converter, a very popular and well-known topology in switch-mode
power supply applications where the required output power is in the range of
5 to 200 W. The popularity of this type of converter comes from the simplicity of its design,
the small number of components and its resulting low cost compared to other topologies in
the same output power range.
The converter is based on the L6565 PWM driver that operates in quasi-resonant mode,
meaning zero voltage or valley switching during the turn-OFF phase. Current mode control
is the primary control method. An ESBT switch must be used for this application. The ESBT
is a cascade configuration of a high-voltage bipolar junction transistor (BJT) and a low-
voltage power MOSFET. STMicroelectronics™ optimizes the performance of both devices
and offers this kind of switch in one single package so as to simplify the application’s design,
reduce electromagnetic interference and price, and increase reliability and performance
(see Figure 3). The ESBT switch, compared to a high-voltage switch, offers a low ON-state
voltage drop like a BJT. The switch is very robust, easy to drive and has a relatively fast
switching speed similar to that of a MOSFET.
For more detailed information on the design of the discontinuous conduction-mode flyback
converter, refer to the application note AN1889 "ESBT STC03DE170HV in
3-phase auxiliary power supply".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com