Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2872 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2872
Description  Super wide-range buck converter based on the VIPer16
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2872 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2872 Datasheet HTML 1Page - STMicroelectronics AN2872 Datasheet HTML 2Page - STMicroelectronics AN2872 Datasheet HTML 3Page - STMicroelectronics AN2872 Datasheet HTML 4Page - STMicroelectronics AN2872 Datasheet HTML 5Page - STMicroelectronics AN2872 Datasheet HTML 6Page - STMicroelectronics AN2872 Datasheet HTML 7Page - STMicroelectronics AN2872 Datasheet HTML 8Page - STMicroelectronics AN2872 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
AN2872
Main characteristics
Doc ID 15305 Rev 1
5/23
2
Main characteristics
The main characteristics of the SMPS are listed below:
●
Input:
–VIN: 85 - 500 VAC
–
f: 45 - 66 Hz
●
Output:
–
12 V ± 10%
–5 V ± 4%
–
150 mA total (5 V and 12 V output) output current for full input voltage range
●
Standby: 96 mW at 230 VAC
●
Short-circuit: protected
●
PCB type and size:
–FR4
–
Single side 70 µm
–
27 x 45 mm
●
Isolation: non isolated - N connected to output GND
●
EMI: In accordance with EN55022 - class B
●
EMC: Surge - IEC 61000-4-5 - 2 kV
●
EMC: Burst - IEC 61000-4-4 - 8 kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com