Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2929 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2929
Description  In consumer applications such as LCD or plasma TVs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2929 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2929 Datasheet HTML 3Page - STMicroelectronics AN2929 Datasheet HTML 4Page - STMicroelectronics AN2929 Datasheet HTML 5Page - STMicroelectronics AN2929 Datasheet HTML 6Page - STMicroelectronics AN2929 Datasheet HTML 7Page - STMicroelectronics AN2929 Datasheet HTML 8Page - STMicroelectronics AN2929 Datasheet HTML 9Page - STMicroelectronics AN2929 Datasheet HTML 10Page - STMicroelectronics AN2929 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AN2929
Board description
Doc ID 15333 Rev 2
7/32
1.3
Transformer
The transformer characteristics are listed in the table below.
Reference
Part
Description
Manufacturer
T1
750871111
Switch-mode power transformer
Würth Elektronik
T2
BU15-4530R4BL
Common-mode choke
Coilcraft
U1
VIPER27LN
Offline high-voltage converters
STMicroelectronics
VR1
TS431AIZ-AP
Voltage reference
STMicroelectronics
Table 2.
Bill of material (continued)
Table 3.
Transformer characteristics
Properties
Test condition
Value
Manufacturer
Würth Elektronik
Part number
750871111
Primary inductance
Measured at 10 kHz 0.1 V
1.7 mH ± 10%
Leakage inductance
Measured at 100 kHz 0.1 V
60 μH
Primary-to-secondary turn
ratio (6 - 4)/(7, 9 – 12, 14)
Measured at 10 kHz 0.1 V
13.5 ± 3%
Primary-to-auxiliary turn
ratio (6 - 4)/(3 - 1)
Measured at 10k Hz 0.1 V
5.19 ± 3%
Insulation
Primary to secondary
4 kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com