Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2941 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2941 Datasheet HTML 1Page - STMicroelectronics AN2941 Datasheet HTML 2Page - STMicroelectronics AN2941 Datasheet HTML 3Page - STMicroelectronics AN2941 Datasheet HTML 4Page - STMicroelectronics AN2941 Datasheet HTML 5Page - STMicroelectronics AN2941 Datasheet HTML 6Page - STMicroelectronics AN2941 Datasheet HTML 7Page - STMicroelectronics AN2941 Datasheet HTML 8Page - STMicroelectronics AN2941 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
AN2941
Main characteristics and circuit description
Doc ID 15447 Rev 4
5/37
1
Main characteristics and circuit description
The main features of the SMPS are listed as follows:
●
Universal input mains range: 90
÷264 Vac - frequency 45 ÷ 65 Hz
●
Output voltage: 19 V at 4 A continuous operation
●
Mains harmonics: according to EN61000-3-2 Class-D or JEITA-MITI Class-D
●
Standby mains consumption: < 0.14 W at 230 Vac
●
Active load average efficiency: better than 87% without synchronous rectification
●
EMI: according to EN55022-Class-B
●
Safety: according to EN60950
●
Dimensions: 78 x 170 mm, 25 mm maximum height of components
●
PCB: Single-side, 70 µm, CEM-1, mixed PTH/SMT
The circuit is composed of two stages: a front-end PFC using the L6563S and a flyback
converter based on the L6566A. The CV/CC controller TSM1014 allows the correct current
limitation on the secondary side. The flyback stage works as master and it is dedicated to
control the circuit operation including the standby and protections. Additionally, it switches
on and off the PFC stage by means of a dedicated pin (VCC_PFC), thus helping to achieve
an excellent efficiency even at light load, with low complexity.
PFC stage
The main function of the PFC is to keep the current absorbed from the power line tracking
the line voltage to comply with the EN61000-3-2 or other similar regulations and to regulate
the output voltage of the boost stage powering the downstream converter. Therefore, it is
necessary to sense the PFC output voltage as well as the input coming from the mains and
feed these two signals to the controller. The simplest way to implement these functions is to
sense both input and output voltage through two resistor dividers as shown in Figure 2.
These resistors are in the M
Ω range (6.6 MΩ for the input divider and 2 MΩ for the output
divider of the example in the figure), however their power dissipation, which is negligible at
full load, becomes significant at light load. Even if the PFC is turned off at light load, the
power dissipation of the two dividers is always there. Additionally, at light load both the input
and the output voltages become very close to the peak value of the rectified mains because
the input and output capacitors act as peak detectors of the rectified mains voltage.
Considering the worst case for power consumption, once the SMPS is working at european
mains range, the power dissipation of these two dividers can be easily calculated as follows:
For example, if we calculate the impact of these losses with a 1 W output load, these two
circuits affect the overall efficiency by about 7%.
(
)
mW
16
M
6
.
6
2
V
230
R
V
P
2
MULT
2
IN
MULT
=
Ω
⋅
=
=
(
)
mW
53
M
2
2
V
230
R
V
P
2
MULT
2
OUT
FB
=
Ω
⋅
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com