Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2950 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2950
Description  This document describes
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2950 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2950 Datasheet HTML 5Page - STMicroelectronics AN2950 Datasheet HTML 6Page - STMicroelectronics AN2950 Datasheet HTML 7Page - STMicroelectronics AN2950 Datasheet HTML 8Page - STMicroelectronics AN2950 Datasheet HTML 9Page - STMicroelectronics AN2950 Datasheet HTML 10Page - STMicroelectronics AN2950 Datasheet HTML 11Page - STMicroelectronics AN2950 Datasheet HTML 12Page - STMicroelectronics AN2950 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
AN2950
Adapter features
Doc ID 15494 Rev 1
9/37
1.2
Transformer
Table 3 lists the electrical characteristics of the transformer.
The size, pinout and mechanical characteristics are given in the following figures.
T2
BU16-4530R5BL
Common mode choke
COILCRAFT
VR1
TS431
Voltage reference
STMicroelectronics
U1
VIPER28LN
Offline high voltage controller
STMicroelectronics
T1
1338.0019
Switch mode power transformer
MAGNETICA
Table 2.
Bill of materials (continued)
Reference
Part
Description
Manufacturer
Table 3.
1338.0019 transformer characteristics
Properties
Value
Test Condition
Primary inductance
1.5 mH ±15%
Measured at 1 kHz
Leakage inductance
0.8% nom.
Measured at 10 kHz
Primary to secondary turn ratio
(4 - 5)/(6,7 – 10,9)
12.85 ±5%
Measured at 10 kHz
Primary to auxiliary turn ratio
(4 - 5)/(1 - 2)
5.29 ±5%
Measured at 10 kHz
Nominal operating frequency
60 kHz
Nominal/peak power
10 W/15 W
Saturation current
1 A
BSAT = 0.32T
Insulation
4 kV
Primary to secondary
Figure 3.
Transformer size and pin diagram -
bottom view (pin side)
Figure 4.
Transformer size and pin diagram -
electrical diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com