Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN2994 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2994
Description  400 W FOT-controlled PFC pre-regulator with the L6563S
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2994 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2994 Datasheet HTML 5Page - STMicroelectronics AN2994 Datasheet HTML 6Page - STMicroelectronics AN2994 Datasheet HTML 7Page - STMicroelectronics AN2994 Datasheet HTML 8Page - STMicroelectronics AN2994 Datasheet HTML 9Page - STMicroelectronics AN2994 Datasheet HTML 10Page - STMicroelectronics AN2994 Datasheet HTML 11Page - STMicroelectronics AN2994 Datasheet HTML 12Page - STMicroelectronics AN2994 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
AN2994
Test results and significant waveforms
Doc ID 15796 Rev 2
9/38
For reference, the following waveforms show the input current and voltage at the nominal
input voltage mains and at different load conditions.
Figure 7.
EVL6563S-400W input current
waveform at 100 V, 60 Hz, 400 W
load
Figure 8.
EVL6563S-400W input current
waveform at 230 V, 50 Hz, 400 W
load
CH1: Rectified mains voltage
CH1: Rectified mains voltage
CH4: Input current
CH4: Input current
Figure 9.
EVL6563S-400W input current
waveform at 100 V, 60 Hz, 200 W
load
Figure 10.
EVL6563S-400W input current
waveform at 230 V, 50 Hz, 200 W
load
CH1: Rectified mains voltage
CH1: Rectified mains voltage
CH4: Input current
CH4: Input current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com