Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3014 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3014
Description  This application note describes the characteristics and the features
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3014 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3014 Datasheet HTML 1Page - STMicroelectronics AN3014 Datasheet HTML 2Page - STMicroelectronics AN3014 Datasheet HTML 3Page - STMicroelectronics AN3014 Datasheet HTML 4Page - STMicroelectronics AN3014 Datasheet HTML 5Page - STMicroelectronics AN3014 Datasheet HTML 6Page - STMicroelectronics AN3014 Datasheet HTML 7Page - STMicroelectronics AN3014 Datasheet HTML 8Page - STMicroelectronics AN3014 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AN3014
Main characteristics and circuit description
Doc ID 16064 Rev 2
5/29
1
Main characteristics and circuit description
The main features of the SMPS are:
●
Universal input mains range: 90
− 264 Vac, frequency 45 − 65 Hz
●
Output voltage: 19 V at 4.75 A continuous operation
●
Mains harmonics: according to EN61000-3-2 class-D or JEITA-MITI class-D
●
Standby mains consumption: < 0.26 W at 230 Vac
●
Efficiency at nominal load: > 92% at 115 Vac
●
EMI: according to EN55022-class-B
●
Safety: according to EN60950
●
Dimensions: 65 x 155 mm, 25 mm maximum component height
●
PCB: double-sided, 70 µm, FR-4, mixed PTH/SMT
The circuit is composed of two stages: a front-end PFC using the L6563H, and a LLC
resonant converter based on the L6599A. The SRK2000 controls the synchronous
rectification on the secondary side. The PFC stage works as a preregulator and powers the
resonant stage with a constant voltage of 400 V. The downstream converter operates only if
the PFC is on and regulating. In this way, the resonant stage can be optimized for a narrow
input voltage range.
Startup sequence
As indicated previously, the PFC acts as master and the resonant stage can operate only if
the PFC output is delivering the nominal output voltage. Therefore the circuit is designed so
that at startup the PFC starts first, then the downstream converter turns on. Initially, the
L6563H is supplied by the integrated high voltage startup circuit, but as soon as the PFC
starts switching, a charge pump connected to the PFC inductor supplies both the PFC and
resonant controllers. Once both stages have been activated, the controllers are supplied
also by the auxiliary winding of the resonant transformer, assuring correct supply voltage
even during standby operation.
Because the L6563H integrated HV startup circuit is turned off and therefore is not
dissipative during normal operation, it significantly contributes to the reduction of power
consumption when the power supply operates at light load, in accordance with current
world-wide standby consumption standards.
Brownout protection
Brownout protection prevents the circuit from working with abnormal mains levels. It is easily
achieved using the RUN pin (pin12) of the L6563H. This pin is connected through a resistor
divider to the VFF pin (pin 5), which provides the mains voltage peak value information. An
internal comparator enables the IC operations if the mains level is correct, within the
nominal limits. At startup, if the input voltage is below 90 Vac (typ), circuit operations are
inhibited.
The L6599A has similar protection on the LINE pin (pin 7). It is used to prevent the resonant
converter from working with too low an input voltage, which can cause incorrect capacitive
mode operation. If the bulk voltage (PFC output) is below 380 V, the resonant startup is not
allowed. The L6599A internal comparator has a hysteresis which allows the turn-on and
turn-off voltage to be set independently. The turn-off threshold has been set to 300 V in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com