Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3064 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3064
Description  Using the STC3100 battery monitor for gas gauge applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3064 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3064 Datasheet HTML 1Page - STMicroelectronics AN3064 Datasheet HTML 2Page - STMicroelectronics AN3064 Datasheet HTML 3Page - STMicroelectronics AN3064 Datasheet HTML 4Page - STMicroelectronics AN3064 Datasheet HTML 5Page - STMicroelectronics AN3064 Datasheet HTML 6Page - STMicroelectronics AN3064 Datasheet HTML 7Page - STMicroelectronics AN3064 Datasheet HTML 8Page - STMicroelectronics AN3064 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AN3064
Battery monitoring functions
Doc ID 16263 Rev 1
5/15
2
Battery monitoring functions
The STC3100 includes the following battery monitoring functions.
●
A Coulomb counter for automatic computation of the battery’s charge variation: this is
done by integrating the battery current versus the time and accumulating the resulting
charge variation into the accumulator register. The last current measurement is always
available.
●
Automatic periodic measurement of the battery voltage.
●
Automatic periodic measurement of the temperature using the STC3100’s internal
sensor.
The battery monitoring functions are controlled by the GG_RUN bit in the REG_MODE
register. Since GG_RUN is reset at power-up, the battery monitoring functions are disabled,
ensuring a low standby current when the battery is inserted until the application is started.
The Coulomb counter function uses a 12/14-bit ADC and runs continuously after it has been
enabled by the GG_RUN bit.
Values held in consecutive registers (such as the charge value in the REG_CHARGE_LOW
and REG_CHARGE_HIGH registers) must be read with a single I2C access to ensure data
integrity. Multiple values can be read in one I²C access; all values will then be consistent,
that is, will be relative to the same time.
2.1
Coulomb counter operation
The voltage drop between the CG and GND pins is integrated during a conversion period
and input to a 12- to 14-bit AD converter. The output conversion is accumulated into a 28-bit
accumulator. The system controller can control the Coulomb counter and read the data
(upper 16 bits of the accumulator) through the I2C control registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com