Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3108 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3108
Description  STLM75 firmware library for the STM32F10x
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3108 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3108 Datasheet HTML 3Page - STMicroelectronics AN3108 Datasheet HTML 4Page - STMicroelectronics AN3108 Datasheet HTML 5Page - STMicroelectronics AN3108 Datasheet HTML 6Page - STMicroelectronics AN3108 Datasheet HTML 7Page - STMicroelectronics AN3108 Datasheet HTML 8Page - STMicroelectronics AN3108 Datasheet HTML 9Page - STMicroelectronics AN3108 Datasheet HTML 10Page - STMicroelectronics AN3108 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
AN3108
STLM75 temperature sensor
Doc ID 16793 Rev 1
7/44
Figure 2.
Typical 2-wire interface connection diagram
Note:
SDA and OS/INT are open drain
Table 2.
Signal names and pin descriptions
Pin
Sym
Type/direction
Description
1
SDA
Input/output
Serial data input/output
2
SCL
Input
Serial clock input
3
OS/INT
Output
Over-limit signal/interrupt alert output
4
GND
Supply ground
Ground
5A2
Input
Address2 input
6A1
Input
Address1 input
7A0
Input
Address0 input
8VDD
Supply power
Supply voltage (2.7 V to 5.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com