Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3244 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3244
Description  EVAL6230QR demonstration board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3244 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3244 Datasheet HTML 1Page - STMicroelectronics AN3244 Datasheet HTML 2Page - STMicroelectronics AN3244 Datasheet HTML 3Page - STMicroelectronics AN3244 Datasheet HTML 4Page - STMicroelectronics AN3244 Datasheet HTML 5Page - STMicroelectronics AN3244 Datasheet HTML 6Page - STMicroelectronics AN3244 Datasheet HTML 7Page - STMicroelectronics AN3244 Datasheet HTML 8Page - STMicroelectronics AN3244 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AN3244
Demonstration board description
Doc ID 17742 Rev 1
5/9
D1, C3, and C4 realize a charge pump circuit, which generates the supply voltage for the
high side integrated MOSFETs. Due to voltage and current switching at relatively high
frequency, these components are connected together through short paths in order to
minimize induced noise on other circuitries.
R2 and C5 are used by the overcurrent protection integrated circuitry to set the protection
timings (disable time, tDISABLE, is about 200 µs and delay time, tDELAY, is about 1 µs with the
values in Table 3).
Figure 4, Figure 5, and Figure 6 show the component placement and the two layer layout of
the EVAL6230QR demonstration board. A GND area has been used for the IC power
dissipation.
Table 3.
EVAL6230QR parts list
Part reference
Part value
Part description
C1
220 nF/100 V
Capacitor
C2
100 µF/63 V
Capacitor
C3
10 nF/25 V
Capacitor
C4
220 nF/25 V
Capacitor
C5
5.6 nF
Capacitor
D1
BAT46SW
Diodes
R1 ÷ R8
100 k
Ω 5 % 0.25 W
Resistor
R9, R10, R11
0.47
Ω - 0.5 W
Resistor
R12, R13
470 k
Ω 5 % 0.25 W
Resistor
R14
8.2 k
Ω 5 % 0.25 W
Resistor
U1
L6230Q
Three-phase BLDC motor driver in
VFQFPN5x5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com