Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3329 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3329
Description  This application note describes the characteristics and features
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3329 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3329 Datasheet HTML 1Page - STMicroelectronics AN3329 Datasheet HTML 2Page - STMicroelectronics AN3329 Datasheet HTML 3Page - STMicroelectronics AN3329 Datasheet HTML 4Page - STMicroelectronics AN3329 Datasheet HTML 5Page - STMicroelectronics AN3329 Datasheet HTML 6Page - STMicroelectronics AN3329 Datasheet HTML 7Page - STMicroelectronics AN3329 Datasheet HTML 8Page - STMicroelectronics AN3329 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
February 2011
Doc ID 18376 Rev 1
1/47
AN3329
Application note
170 W power supply with PFC and standby supply for flat TV
using the L6564, L6599A, and Viper27LN
Introduction
This application note describes the characteristics and features of a 170 W, wide input
mains range, power-factor-corrected, demonstration board for flat TVs or industrial
applications. The electrical specifications are tailored to a typical flat TV.
The architecture is made up of three stages: a front-end PFC pre-regulator based on the
L6564 TM (transition mode) boost PFC controller and a downstream LLC resonant half
bridge converter stage, built around the new L6599A resonant controller, which provides two
regulated output voltages at 12 V and 24 V. In addition, a flyback-based standby supply
delivers 10 W to a 5 V output. Thanks to the chipset used, this design achieves very high
efficiency, compliant with ENERGY STAR® eligibility criteria (EPA rev. 2.0 EPS), as well as
very low input consumption during standby operation.
Figure 1.
EVL170W-FTV: 170 W demonstration board
www.st.com


Similar Part No. - AN3329

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN332 SILABS-AN332 Datasheet
3Mb / 302P
Si47XX PROGRAMMING GUIDE
logo
STMicroelectronics
AN3320 STMICROELECTRONICS-AN3320 Datasheet
382Kb / 29P
This application note is intended for system designers
22-Aug-2011
AN3321 STMICROELECTRONICS-AN3321 Datasheet
262Kb / 8P
How to enable remote reset from JTAG on
25-Nov-2010
AN3322 STMICROELECTRONICS-AN3322 Datasheet
1Mb / 38P
Watt-hour meter based on the STM32F101 microcontroller
13-May-2013
AN3324 STMICROELECTRONICS-AN3324 Datasheet
254Kb / 37P
Implementing power-on self tests
25-Sep-2013
More results

Similar Description - AN3329

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3203 STMICROELECTRONICS-AN3203 Datasheet
2Mb / 49P
This application note describes the characteristics and performance
28-Jan-2011
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
This application note describes the operations
18-Sep-2013
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
This application note describes the characteristics
06-Oct-2014
AN2690 STMICROELECTRONICS-AN2690 Datasheet
1Mb / 31P
This application note describes the characteristics and the features
10-Jun-2008
AN2941 STMICROELECTRONICS-AN2941 Datasheet
1Mb / 37P
This application note describes the characteristics and the features
29-Nov-2010
AN3014 STMICROELECTRONICS-AN3014 Datasheet
1,010Kb / 29P
This application note describes the characteristics and the features
13-Dec-2010
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
This application note describes the characteristics
13-Jan-2011
AN4599 STMICROELECTRONICS-AN4599 Datasheet
906Kb / 26P
This application note describes the features
03-Feb-2015
AN1772 STMICROELECTRONICS-AN1772 Datasheet
80Kb / 8P
This Application Note describes the problems
27-Nov-2003
AN2970 STMICROELECTRONICS-AN2970 Datasheet
378Kb / 11P
This application note describes the ProxSense
12-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com