Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UM0581 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0581
Description  This user manual explains the operation of demonstration
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0581 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0581 Datasheet HTML 5Page - STMicroelectronics UM0581 Datasheet HTML 6Page - STMicroelectronics UM0581 Datasheet HTML 7Page - STMicroelectronics UM0581 Datasheet HTML 8Page - STMicroelectronics UM0581 Datasheet HTML 9Page - STMicroelectronics UM0581 Datasheet HTML 10Page - STMicroelectronics UM0581 Datasheet HTML 11Page - STMicroelectronics UM0581 Datasheet HTML 12Page - STMicroelectronics UM0581 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
UM0581
Design details
Doc ID 14961 Rev 1
9/26
3
Design details
3.1
Jumper positions
The following jumper positions are used to explain the different configurations in this
document.
Two types of jumpers are used on the STR912FAW44 interface to hard disk board:
●
3-pin jumpers with two possible positions
●
2-pin jumpers with two possible settings:
–
in the “fitted” position, the circuit is closed
–
in the “not fitted” position, the circuit is open
3.2
Power supply
A typical HDD requires both 5 V and 12 V power supplies. The STR912FAW44 interface to
hard disk board is designed to be powered by the following three sources according to
availability:
●
ATX-SMPS provides both 12 V and 5 V supplies (connected to the SMPS connector
(J5)
●
12 V DC power adapter connected to the power or WAGO connector (should meet the
current ratings of HDD)
●
15 V DC power adapter connected to the power or WAGO connector (should meet the
current ratings of HDD).
The power supply is configured by setting the related jumpers and connectors as described
in Table 1 on page 11.
Figure 4.
Jumper settings
AM01272v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com