Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPD30500 Datasheet(PDF) 12 Page - NEC

Part # UPD30500
Description  VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30500 Datasheet(HTML) 12 Page - NEC

Back Button UPD30500 Datasheet HTML 8Page - NEC UPD30500 Datasheet HTML 9Page - NEC UPD30500 Datasheet HTML 10Page - NEC UPD30500 Datasheet HTML 11Page - NEC UPD30500 Datasheet HTML 12Page - NEC UPD30500 Datasheet HTML 13Page - NEC UPD30500 Datasheet HTML 14Page - NEC UPD30500 Datasheet HTML 15Page - NEC UPD30500 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
µPD30500, 30500A, 30500B
12
Data Sheet U12031EJ4V0DS00
Pin Name
I/O
Function
Int (0:5)
Input
Interrupt.
General-purpose processor interrupt requests whose input statuses can be confirmed by
bits 15 through 10 of cause register.
NMI
Input
Non-maskable interrupt.
Interrupt request that cannot be masked.
ColdReset
Input
Cold reset.
Signal initializing the internal status of the processor. Inactivate this signal in synchroniza-
tion with SysClock.
Reset
Input
Reset.
Signal generating a reset exception, without initializing the internal status of the processor.
Inactivate this signal in synchronization with SysClock.
SysClock
Input
System clock.
Clock input signal to processor.
BigEndian
Input
Endian mode setting.
This signal sets the endian mode of the system interface.
When setting the endian mode with this signal, specify little endian with the data from the
ModeIn pin that is input at reset.
To set the endian mode with the data from the ModeIn pin, fix this signal to 0.
BigEndian
Bit 8 of boot mode
Mode
11
—
1
0
Big endian
0
1
Big endian
0
0
Little endian
ModeClock
Output
Boot mode clock.
Successive boot mode data clock output resulting from dividing SysClock by 256.
Modeln
Input
Boot mode data input.
Input of initialization bit stream.
VDDOk
Input
VDD and VDDIONote1 are valid.
Signal indicating that the voltage supplied to the VR5000 is reached to the rated levelNote2
for 100 ms or more, and that that status is stabilized. When VDDOk is asserted active, the
VR5000 starts an initialization sequence.
VDDP
–
PLL VDD.
Power supply for internal PLL.
GNDP
–
PLL GND.
Ground for internal PLL.
VDD
–• VR5000
Positive power supply pin (3.3 V)
• VR5000A
Power supply pin for core (2.5 V)
• VR5000B
Power supply pin for core (1.8 V)
VDDIONote1
–
Power supply pin for I/O (3.3 V)
GND
–
Ground pin.
Notes 1. VDDIO is only for VR5000A and VR5000B.
2. VR5000: VDD = 3.135 V
VR5000A: VDD = 2.375 V, VDDIO = 3.135 V
VR5000B: VDD = 1.7 V, VDDIO = 3.135 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com