Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3360 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3360
Description  This application note describes the demonstration board
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3360 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3360 Datasheet HTML 5Page - STMicroelectronics AN3360 Datasheet HTML 6Page - STMicroelectronics AN3360 Datasheet HTML 7Page - STMicroelectronics AN3360 Datasheet HTML 8Page - STMicroelectronics AN3360 Datasheet HTML 9Page - STMicroelectronics AN3360 Datasheet HTML 10Page - STMicroelectronics AN3360 Datasheet HTML 11Page - STMicroelectronics AN3360 Datasheet HTML 12Page - STMicroelectronics AN3360 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AN3360
Efficiency measurements
Doc ID 018586 Rev 2
9/16
3
Efficiency measurements
The efficiency of the converter has been measured in different load and line voltage
conditions.
The efficiency measurements have been done at 12 to 16 VDC of the rated output power, at
both 115 VAC and 230 VAC.
Table 4 and 5 show the results.
Figure 7.
Output characteristics
Table 4.
Efficiency at 115 VAC
VAC
Pin (W)
Vout (V)
Iout (mA)
Eff (%)
115
2.972
12.016
196.00
79.24
3.190
13.008
196.00
79.92
3.420
14.016
196.00
80.33
3.644
15.008
195.00
80.31
3.877
16.016
195.00
80.56
Average eff. (%)
80.07
Table 5.
Efficiency at 230 VAC
VAC
Pin (W)
Vout (V)
Iout (mA)
Eff (%)
230
3.238
12.016
195.00
72.36
3.500
13.008
200.00
74.33
3.792
14.016
204.00
75.40
4.050
15.008
204.00
75.60
4.262
16.016
204.00
76.66
Average eff. (%)
74.87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com