Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3387 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN3387
Description  This short document gives some practical indications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3387 Datasheet(HTML) 2 Page - STMicroelectronics

  AN3387 Datasheet HTML 1Page - STMicroelectronics AN3387 Datasheet HTML 2Page - STMicroelectronics AN3387 Datasheet HTML 3Page - STMicroelectronics AN3387 Datasheet HTML 4Page - STMicroelectronics AN3387 Datasheet HTML 5Page - STMicroelectronics AN3387 Datasheet HTML 6Page - STMicroelectronics AN3387 Datasheet HTML 7Page - STMicroelectronics AN3387 Datasheet HTML 8Page - STMicroelectronics AN3387 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PM8803 layout guideline
AN3387
2/12
Doc ID 018735 Rev 1
1
PM8803 layout guideline
1.1
General guidelines for the PoE converter
The following general guidelines are valid for all the typical converter topologies used for
PoE/PoE+ converters.
The length of the interconnections between the following groups of components belonging
to the primary side of the converter must be kept as short as possible:
1.
Input ceramic capacitors
2.
Input side of the power transformer
3.
Power MOSFET and sense resistors
4.
Active clamp circuitry or snubber circuitry (if present)
The length of the interconnections between the following groups of components belonging
to the secondary side of the isolation must be kept as short as possible:
1.
Secondary rectifier diode(s), or synchronous rectifier MOSFET(s) and associated
driving circuitry
2.
Output side of the power transformer
3.
Output ceramic capacitors
Isolation/spacing, as required by applicable safety standards, must be assured between all
the rails/traces/planes at 48 V and between the primary and secondary side of the
converter.
1.2
Pin description of PM8803 device
Figure 2 gives an indication on how the PM8803 pins are distributed, while Table 1 provides
a detailed description of each pin.
Figure 2.
Detail of the PM8803 pin distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com