Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN3973 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3973
Description  Electronic ballast with active PFC using
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3973 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3973 Datasheet HTML 3Page - STMicroelectronics AN3973 Datasheet HTML 4Page - STMicroelectronics AN3973 Datasheet HTML 5Page - STMicroelectronics AN3973 Datasheet HTML 6Page - STMicroelectronics AN3973 Datasheet HTML 7Page - STMicroelectronics AN3973 Datasheet HTML 8Page - STMicroelectronics AN3973 Datasheet HTML 9Page - STMicroelectronics AN3973 Datasheet HTML 10Page - STMicroelectronics AN3973 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AN3973
Power factor section
Doc ID 022164 Rev 1
7/24
2.1.1
Input capacitor
The input filter capacitor (Cin) must reduce the high frequency voltage ripple across Cin and
the switching noise due to the high frequency inductor current ripple. The input capacitor
depends on the voltage ripple (r) and it is usually between 5% and 20% of the minimum
input voltage:
●
Ripple voltage coefficient (%):
●
Input capacitor
In the applicative conditions, a polyester capacitor was chosen. It offers benefits in terms of
voltage stability and power factor (PF).
2.1.2
Output capacitor
The output capacitor is a function of voltage ripple (
ΔV
out) and of the capacitor impedance.
ΔV
out is usually selected at around 1.5% of the output voltage capacitor:
●
Output capacitor
An electrolytic capacitor has been selected because it has low impedance (ESR) and
therefore provides good energy storage and improves the transient performance.
2.1.3
Boost inductor
The inductor boost depends on the several parameters and different approaches which can
be used. First, the inductor value is usually calculated so that the minimum switching
frequency is greater than the maximum frequency of the L6562A internal starter. Assuming
unity PF, it is possible to write:
●
Instantaneous switching frequency
Therefore, the inductor value is determined at the top of the sinusoid (
) where the
switching frequency is the minimum:
●
Inductor value
The optimum dynamic performances of the MOSFET device, selected for this application,
have allowed higher operation minimum frequency and consequently lower boost
inductance. In this case a 1.8 mH boost inductance was selected.
2.1.4
Power MOSFET selection
MOSFET SuperMESH3 technology perfectly matches boost converter characteristics. In
fact, this technology has got a dynamic performance better than that of the standard
SuperMESH but not as good as MDMESH. That translates into having low switching power
losses and commutation which is not so fast that it implies ringing phenomenon such as
decreased PF and THD factors. MOSFET selection is based mainly on maximum voltage
rating, total power losses, and maximum operating temperature. In this case a MOSFET
device with minimum voltage rating 500 V (1.2*VBUS=480 V) must be selected: 20% of VBUS
1
.
0
r
=
 
nF
100
r
*
V
*
f
2
I
C
min
AC
min
SW
in
IN
≈
π
=
 
uF
47
V
V
*
f
4
P
C
out
out
main
out
Out
≈
Δ
π
=
out
AC
Out
2
AC
IN
sw
V
))
sin(
V
2
V
(
V
LP
2
1
f
θ
−
=
 
2
π
=
θ
 
IN
out
min
SW
AC
Out
2
AC
AC
P
*
V
f
2
)
V
2
V
(
V
)
V
(
L
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com